Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR58 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSR58
Description  N-channel FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR58 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSR58 Datasheet HTML 1Page - NXP Semiconductors BSR58 Datasheet HTML 2Page - NXP Semiconductors BSR58 Datasheet HTML 3Page - NXP Semiconductors BSR58 Datasheet HTML 4Page - NXP Semiconductors BSR58 Datasheet HTML 5Page - NXP Semiconductors BSR58 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
April 1991
2
Philips Semiconductors
Product specification
N-channel FETs
BSR56; BSR57; BSR58
DESCRIPTION
Symmetrical silicon n-channel
depletion type junction field-effect
transistors in a plastic microminiature
envelope intended for application in
thick and thin-film circuits. The
transistors are intended for
low-power, chopper or switching
applications in industrial service.
PINNING
Note
1. Drain and source are
interchangeable.
Marking code
1
= drain
2
= source
3
= gate
BSR56 = M4P
BSR57 = M5P
BSR58 = M6P
Fig.1 Simplified outline and symbol, SOT23.
handbook, halfpage
12
g
d
s
3
Top view
MAM385
QUICK REFERENCE DATA
BSR56
BSR57
BSR58
Drain-source voltage
±V
DS
max.
40
40
40 V
Total power dissipation up to Tamb = 40 °CPtot
max.
250
250
250 mW
Drain current
VDS = 15 V; VGS =0
IDSS
>
50
20
8 mA
<−
100
80 mA
Gate-source cut-off voltage
VDS = 15 V; ID = 0.5 nA
−V(P)GS
>
4
2
0.8 V
<
10
6
4 V
Drain-source resistance (on) at f = 1 kHz
ID = 0; VGS =0
rds on
<
25
40
60
Ω
Feedback capacitance at f = 1 MHz
−VGS = 10 V; VDS =0
Crs
<
55
5 pF
Turn-off time
VDD = 10 V; VGS =0
ID = 20 mA; −VGSM = 10 V
toff
<
25
−− ns
ID = 10 mA; −VGSM =6 V
toff
<−
50
− ns
ID = 5 mA; −VGSM =4 V
toff
<−
−
100 ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com