Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR58 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSR58
Description  N-channel FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR58 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSR58 Datasheet HTML 1Page - NXP Semiconductors BSR58 Datasheet HTML 2Page - NXP Semiconductors BSR58 Datasheet HTML 3Page - NXP Semiconductors BSR58 Datasheet HTML 4Page - NXP Semiconductors BSR58 Datasheet HTML 5Page - NXP Semiconductors BSR58 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
April 1991
4
Philips Semiconductors
Product specification
N-channel FETs
BSR56; BSR57; BSR58
BSR56
BSR57
BSR58
Switching times
VDD = 10 V; VGS =0
Conditions ID and −VGSM
ID
=20
10
5 mA
−V
GSM
=10
6
4 V
Delay time
td
<
6
6
10 ns
Rise time
tr
<
3
4
10 ns
Turn-off time
toff
<
25
50
100 ns
Fig.2 Switching times waveforms.
handbook, halfpage
MBK299
tr
td
0
VGSM
Vo
Vi
10%
90%
200 ns
toff
Fig.3 Test circuit.
handbook, halfpage
MBK298
R
T.U.T
50
Ω
Vi
Vo
VDD
Pulse generator
Oscilloscope
BSR56; R =
464
Ω
BSR57; R =
953
Ω
BSR58; R =
1910
Ω
tr =tf ≤ 1ns
δ
= 0.02
Zo
=50
Ω
tr
≤ 0.75 ns
Ri ≥
1M
Ω
Ci ≤
2.5 pF
Fig.4 Power derating curve.
handbook, halfpage
0
Tamb (°C)
Ptot
(mW)
300
200
100
0
40
200
80
120
160
MDA245



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com