Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR58 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSR58
Description  N-channel FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR58 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSR58 Datasheet HTML 1Page - NXP Semiconductors BSR58 Datasheet HTML 2Page - NXP Semiconductors BSR58 Datasheet HTML 3Page - NXP Semiconductors BSR58 Datasheet HTML 4Page - NXP Semiconductors BSR58 Datasheet HTML 5Page - NXP Semiconductors BSR58 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
April 1991
3
Philips Semiconductors
Product specification
N-channel FETs
BSR56; BSR57; BSR58
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Notes
1. Mounted on a ceramic substrate of 8 mm
× 10 mm × 0.7 mm.
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
± V
DS
max.
40 V
Drain-gate voltage
VDGO
max.
40 V
Gate-source voltage
−V
GSO
max.
40 V
Forward gate current
IGF
max.
50 mA
Total power dissipation up to Tamb =40 °C (note 1)
Ptot
max.
250 mW
Storage temperature range
Tstg
−65 to +150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient (note 1)
Rth j-a
=
430 K/W
Gate-source cut-off current
VDS =0V; −VGS =20V
−IGSS
max.
1.0 nA
Drain cut-off current
VDS =15V; −VGS = 10 V
IDSX
max.
1.0 nA
BSR56
BSR57
BSR58
Drain current
VDS = 15 V; VGS =0
IDSS
>
50
20
8 mA
<−
100
80 mA
Gate-source breakdown voltage
−I
G =1 µA; VDS =0
−V(BR)GSS
>
40
40
40 V
Gate-source cut-off voltage
ID = 0,5 nA; VDS = 15 V
−V(P)GS
>
4
2
0.8 V
<
10
6
4 V
Drain-source voltage (on)
ID = 20 mA; VGS =0
VDSon
<
750
−− mV
ID = 10 mA; VGS =0
VDSon
<−
500
− mV
ID = 5 mA; VGS =0
VDSon
<−
−
400 mV
Drain-source resistance (on) at f = 1 kHz
ID = 0; VGS = 0; Ta =25 °Crds on
<
25
40
60
Ω
Feedback capacitance at f = 1 MHz
−V
GS = 10 V; VDS =0
Crss
<
55
5 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com