Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37151 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 45Page - Renesas Technology Corp M37151 Datasheet HTML 46Page - Renesas Technology Corp M37151 Datasheet HTML 47Page - Renesas Technology Corp M37151 Datasheet HTML 48Page - Renesas Technology Corp M37151 Datasheet HTML 49Page - Renesas Technology Corp M37151 Datasheet HTML 50Page - Renesas Technology Corp M37151 Datasheet HTML 51Page - Renesas Technology Corp M37151 Datasheet HTML 52Page - Renesas Technology Corp M37151 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
48
Rev. 1.0
Fig. 8.9.1 ROM Correction Address Registers
8.9 ROM CORRECTION FUNCTION
This can correct program data in the ROM. Up to 2 addresses can be
corrected; a program for correction is stored in the ROM correction
vector in the RAM as the top address. There are 2 vectors for ROM
correction:.
Vector 1 : address 030016
Vector 2 : address 032016
Set the address of the ROM data to be corrected into the ROM cor-
rection address register. When the value of the counter matches the
ROM data address in the top address of the ROM correction vector,
the main program branches to the correction program stored in the
ROM memory. To return from the correction program to the main
program, the op code and operand of the JMP instruction (total of 3
bytes) are necessary at the end of the correction program.
The ROM correction function is controlled by the ROM correction
enable register.
Notes 1: Specify the first address (op code address) of each
instruction as the ROM correction address.
2: Use the JMP instruction (total of 3 bytes) to return from
the correction program to the main program.
3: Do not set the same ROM correction address to both vectors 1
and 2.
020A16
ROM correction address 1 (high-order)
020B16
ROM correction address 1 (low-order)
020C16
ROM correction address 2 (high-order)
020D16
ROM correction address 2 (low-order)
b7 b6 b5 b4 b3 b2 b1 b0
ROM correction enable register (RCR) [Address 020E 16]
B
After reset
RW
ROM Correction Enable Register
0
Vector 1 enable bit (RC0)
Name
Functions
0: Disabled
1: Enabled
1
Vector 2 enable bit (RC1)
0: Disabled
1: Enabled
2
to
7
Nothing is assigned. These bits are write disable bits. When
these bits are read out, the values are “0.”
0
0
0
RW
RW
R —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com