Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37151 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 82Page - Renesas Technology Corp M37151 Datasheet HTML 83Page - Renesas Technology Corp M37151 Datasheet HTML 84Page - Renesas Technology Corp M37151 Datasheet HTML 85Page - Renesas Technology Corp M37151 Datasheet HTML 86Page - Renesas Technology Corp M37151 Datasheet HTML 87Page - Renesas Technology Corp M37151 Datasheet HTML 88Page - Renesas Technology Corp M37151 Datasheet HTML 89Page - Renesas Technology Corp M37151 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
85
Rev. 1.0
Notes : The character code “0916” is used for “transparent space” when dis-
playing Closed Caption.
Therefore, set “0016” to the 40-byte addresses corresponding to the
character code “0916.”
<Transparent space font data storing area>
addresses 1100016 + (4 + 2n) ✕ 10016 + 1216 to
1100016 + (4 + 2n) ✕ 10016 + 1316
(n = 0 to 19)
addresses 1141216 and 1141316
addresses 1161216 and 1161316
addresses 1381216 and 1381316
addresses 13A1216 and 13A1316
8.11.11 Automatic Solid Space Function
This function automatically generates the solid space (OUT blank
output) of the character area in the CC mode.
The solid space is output in the following areas:
• Any character area except character code “0916 ”
• Character area on the left and right sides of the above character
This function is turned on and off by bit 1 of the OSD control register
(refer to Figure 8.11.3).
Fig. 8.11.25 Display Screen Example of Automatic Solid Space
050909090606
161616161616
0609
16
16
• • •
• • •
09
16
06
16
When setting the character code “0516” as the character A, “0616” as the character B.
(OSD RAM)
(Display screen)
1st
character
2nd
character
No blank output
31st
character
32nd
character
The solid space is automatically output on the left side of the 1st character and on the right side
of the 32nd character by setting the 1st and 32nd of the character code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com