Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37151 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37151 Datasheet HTML 1Page - Renesas Technology Corp M37151 Datasheet HTML 2Page - Renesas Technology Corp M37151 Datasheet HTML 3Page - Renesas Technology Corp M37151 Datasheet HTML 4Page - Renesas Technology Corp M37151 Datasheet HTML 5Page - Renesas Technology Corp M37151 Datasheet HTML 6Page - Renesas Technology Corp M37151 Datasheet HTML 7Page - Renesas Technology Corp M37151 Datasheet HTML 8Page - Renesas Technology Corp M37151 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
1. DESCRIPTION
The M37151M6/M8/MA/MC/MF-XXXFP and M37151EFFP are
single-chip microcomputers designed with CMOS silicon gate tech-
nology. They have an OSD, data slicer, and I2C-BUS interface, mak-
ing them perfect for TV channel selection systems with a closed cap-
tion decoder. The M37151EFFP has a built-in PROM that can be
written electrically.
2. FEATURES
qNumber of basic instructions .................................................... 71
qMemory size
ROM .............. 24K bytes
(M37151M6-XXXFP)
32K bytes
(M37151M8-XXXFP)
40K bytes
(M37151MA-XXXFP)
48K bytes
(M37151MC-XXXFP)
60K bytes
(M37151MF-XXXFP, M37151EFFP)
RAM ............... 1024 bytes
(M37151M6-XXXFP)
1152 bytes
(M37151M8-XXXFP)
1472 bytes
(M37151MA-XXXFP, M37151MC-XXXFP)
2048 bytes
(M37151MF-XXXFP, M37151EFFP)
(*ROM correction memory included)
qMinimum instruction execution time
................................................................. 0.5
µs (Min.)(at 8 MHz)
qPower source voltage ................................................. 5 V ± 10 %
qSubroutine nesting ............................................. 128 levels (Max.)
qInterrupts ....................................................... 17 types, 16 vectors
q8-bit timers .................................................................................. 6
qProgrammable I/O ports (Ports P0, P1, P2, P30, P31) ............. 25
qSerial I/O ............................................................ 8-bit ✕ 1 channel
qMulti-master I2C-BUS interface .............................. 1 (3 systems)
qA-D comparator (7-bit resolution) ................................ 8 channels
qPWM output circuit ......................................................... 8-bit ✕ 5
qPower dissipation
High-speed mode ............................................................ 165 mW
(at VCC = 5.5V, Oscillation frequency 8 MHz, OSD on, and Data
slicer on)
Low-speed mode ............................................................ 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
qClosed caption data slicer
qROM correction function ................................................ 2 vectors
qOSD function
Display characters ................................... 32 characters ✕ 2 lines
(It is possible to display 3 lines or more by software)
Kinds of characters ........................................................ 254 kinds
(coloring unit)
(per charactor unit)
Character display area ............................ CC mode: 16 ✕ 26 dots
OSD mode: 16 ✕ 20 dots
Kinds of character sizes ..................................... CC mode: 1 kind
OSD mode: 8 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position
Horizontal: 128 levels
Vertical: 512 levels
Attribute ........................................................................................
CC mode: smooth italic, underline, flash, automatic solid space
OSD mode: border
Smooth roll-up
Window function
3. APPLICATION
TV with closed caption decoder
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com