Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3490EDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3490EDD
Description  Single Cell 350mA LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490EDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3490EDD Datasheet HTML 4Page - Linear Technology LTC3490EDD Datasheet HTML 5Page - Linear Technology LTC3490EDD Datasheet HTML 6Page - Linear Technology LTC3490EDD Datasheet HTML 7Page - Linear Technology LTC3490EDD Datasheet HTML 8Page - Linear Technology LTC3490EDD Datasheet HTML 9Page - Linear Technology LTC3490EDD Datasheet HTML 10Page - Linear Technology LTC3490EDD Datasheet HTML 11Page - Linear Technology LTC3490EDD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC3490
3490fa
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0606 REV A • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1618
Constant Current, Constant Voltage 1.4MHz,
VIN: 1.6V to 18V, VOUT(MAX) = 34V, IQ = 1.8mA, ISD < 1µA, MS/EDD
High Efficiency Boost Regulator
Packages
LT1932
Constant Current, 1.2MHz, High Efficiency White
VIN: 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA, ISD < 1µA, ThinSOT Packages
LED Boost Regulator
LT1937
Constant Current, 1.2MHz, High Efficiency White
VIN: 2.5V to 10V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD < 1µA, ThinSOT
TM/SC70
LED Boost Regulator
Packages
LTC3205
High Efficiency, Multi-Display LED Controller
VIN: 2.8V to 4.5V, VOUT(MAX) = 6V, IQ = 50µA, ISD < 1µA, QFN24 Package
LTC3216
1A Low Noise, High Current LED Charge Pump with
VIN: 2.9V to 4.4V, VOUT(MAX) = 5.5V, IQ = 300µA, ISD < 2.5µA, DFN Package
Independent Flash/Torch Current Control
LTC3402
2A, 3MHz Micropower Synchronous Boost Converter VIN: 0.85V to 5V, VOUT(MAX) = 5V, IQ = < 38µA, ISD < 1µA,
MS/EDD Packages
LTC3453
500mA Synchronous Buck-Boost High Current LED
VIN: 2.7V to 5.5V, VOUT(MAX) = 5.5V, IQ = 0.6mA, ISD < 6µA, QFN Package
Driver in QFN
LT3465/LT3465A
Constant Current, 1.2MHz/2.7MHz, High Efficiency
VIN: 2.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD < 1µA, ThinSOT Package
White LED Boost Regulator with Integrated Schottky
Diode
LT3466
Dual Constant Current, 2MHz, High Efficiency
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 16µA, DFN Package
White LED Boost Regulator with Integrated Schottky
Diode
LT3479
3A, Full-Featured DC/DC Converter with Soft-Start
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 6.5mA, ISD < 1µA, DFN/TSSOP
and Inrush Current Protection
Packages
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LED Driver Drops to 20% Amplitude on Low-Battery Detect
+
SW
CAP
LED
1 NiMH OR
ALKALINE
CELL
4.7
µF
LOBAT
3490 TA05
VIN
CTRL/SHDN
CELLS
1M
LUMILEDS
LUXEON
LXHL-BWO2
GND
LTC3490
432k
1M
ON/OFF
3.3
µH
350mA/70mA
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com