Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3490EDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3490EDD
Description  Single Cell 350mA LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490EDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3490EDD Datasheet HTML 2Page - Linear Technology LTC3490EDD Datasheet HTML 3Page - Linear Technology LTC3490EDD Datasheet HTML 4Page - Linear Technology LTC3490EDD Datasheet HTML 5Page - Linear Technology LTC3490EDD Datasheet HTML 6Page - Linear Technology LTC3490EDD Datasheet HTML 7Page - Linear Technology LTC3490EDD Datasheet HTML 8Page - Linear Technology LTC3490EDD Datasheet HTML 9Page - Linear Technology LTC3490EDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC3490
3490fa
OPERATIO
The LTC3490 is a high efficiency, constant current source
for 1W high intensity white LEDs. These high intensity
LEDs require a fixed current of 350mA with a voltage
compliance of 2.8V to 4V.
The LTC3490 operates with 1 or 2 NiMH or alkaline cells.
It functions as a boost converter with a current sense re-
sistor providing the control feedback. If the battery voltage
is greater than the required LED compliance, it will cycle
off periodically to maintain the correct average current. It
features a low voltage start-up circuit that will start with an
input voltage of only 1V. Once the drive voltage exceeds
2.3V, the circuit operates from the drive voltage.
All of the loop compensation is internal; only the main filter
capacitor is needed for stable operation.
Dimming Function
During normal operation with the CTRL/SHDN pin con-
nected to VIN, the LED drive current is controlled at
350mA. The drive current can be reduced by changing the
voltage on the CTRL/SHDN pin.
For VIN • 0.2 < VCTRL < VIN • 0.9, the LED current is
proportional to VCTRL/VIN. This allows a simple potenti-
ometer from VIN to control the current without sensitivity
to the battery voltage. The LED drive current is given by the
formula:
I
V
V
mA
LED
CTRL
IN
=
⎛
⎝⎜
⎞
⎠⎟
500
0 2
•– .
When VCTRL > VIN • 0.9, the LED drive current is clamped
at 350mA.
Open-Circuit Protection
Since this is a boost converter attempting to drive a cur-
rent into the load, an open or high impedance load will cause
the regulator loop to increase the output voltage in an ef-
fort to achieve regulation. To protect the device, maximum
output voltage is limited to 4.7V under all conditions.
Undervoltage Sense and Protection
The undervoltage lockout prevents excessive inductor
peak current and protects the batteries from deep dis-
charging which can damage them. The low-battery indica-
tor allows the end user to be made aware that the batteries
are nearing the end of their useful life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com