Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3490EDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3490EDD
Description  Single Cell 350mA LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490EDD Datasheet(HTML) 4 Page - Linear Technology

  LTC3490EDD Datasheet HTML 1Page - Linear Technology LTC3490EDD Datasheet HTML 2Page - Linear Technology LTC3490EDD Datasheet HTML 3Page - Linear Technology LTC3490EDD Datasheet HTML 4Page - Linear Technology LTC3490EDD Datasheet HTML 5Page - Linear Technology LTC3490EDD Datasheet HTML 6Page - Linear Technology LTC3490EDD Datasheet HTML 7Page - Linear Technology LTC3490EDD Datasheet HTML 8Page - Linear Technology LTC3490EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC3490
3490fa
PI FU CTIO S
CELLS (Pin 1): A logic input to set the low-battery and
undervoltage shutdown thresholds. A logic low (tied to
GND) will set the thresholds for 1 cell. A logic high (tied to
VIN) will set the thresholds for 2 cells.
VIN (Pin 2): Supply Voltage.
SW (Pin 3): Switch Input. Connect this pin to an external
inductor from VIN.
GND (Pin 4): Circuit Ground.
LED (Pin 5): Output Drive Current to LED.
CAP (Pin 6): Filter Capacitor. A 4.7
µF low ESR capacitor
should be tied to this pin.
LOBAT (Pin 7): Low active, open-drain logic output indi-
cating a low-battery condition.
CTRL/SHDN (Pin 8): Analog Control Voltage and Shut-
down. When VIN • 0.2 < VCTRL < VIN • 0.9, the LED drive
current varies according to the formula:
I
V
V
mA
LED
CTRL
IN
=
⎛
⎝⎜
⎞
⎠⎟
500
0 2
•– .
When VCTRL > VIN • 0.9, the LED drive current is clamped
at 350mA. When VCTRL < VIN • 0.2, then the part is in low
power shutdown.
Exposed Pad (Pin 9, DD Package): Ground. This pin must
be soldered to the PCB to provide both electrical contact
to ground and good thermal contact to the PCB.
ILED vs VLED
VLED (V)
2.8
340
342
346
348
350
360
354
3
3.2
3.4
3.6
3.8
3490 G04
344
356
358
352
4
VIN = 2.4V
TYPICAL PERFOR A CE CHARACTERISTICS
ILED (mA)
0
0
10
30
40
50
100
70
100
200
3490 G05
20
80
90
60
300
400
VIN = 2.4V
VIN = 1.2V
Efficiency vs ILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com