Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC236PA Datasheet(PDF) 1 Page - Texas Instruments

Part # TC236PA
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC236PA Datasheet(HTML) 1 Page - Texas Instruments

  TC236PA Datasheet HTML 1Page - Texas Instruments TC236PA Datasheet HTML 2Page - Texas Instruments TC236PA Datasheet HTML 3Page - Texas Instruments TC236PA Datasheet HTML 4Page - Texas Instruments TC236PA Datasheet HTML 5Page - Texas Instruments TC236PA Datasheet HTML 6Page - Texas Instruments TC236PA Datasheet HTML 7Page - Texas Instruments TC236PA Datasheet HTML 8Page - Texas Instruments TC236PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Very High-Resolution, 1/3-in Solid-State
Image Sensor for NTSC Color Applications
• 340,000 Pixels per Field
• Frame Memory
• 658 (H) × 496 (V) Active Elements in
Image-Sensing Area Compatible With
Electronic Centering
• Multimode Readout Capability
– Progressive Scan
– Interlaced Scan
– Dual-Line Readout
• Fast Single-Pulse Clear Capability
• Continuous Electronic Exposure Control
From 1/60 – 1/50,000 s
• 7.4-µm Square Pixels
• Advanced Lateral-Overflow-Drain
Antiblooming
• Low Dark Current
• High Dynamic Range
• High Sensitivity
• High Blue Response
• Solid-State Reliability With No Image
Burn-In, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC236 is a frame-transfer, charge-coupled device (CCD) image sensor designed for use in single-chip color
NTSC TV, computer, and special-purpose applications requiring low cost and small size.
The image-sensing area of the TC236 is configured into 500 lines with 680 elements in each line. Twenty-two
elements are provided in each line for dark reference. The blooming-protection feature of the sensor is based
on an advanced lateral-overflow-drain concept. The sensor can be operated in a true-interlace mode as a
658(H)
× 496(V) sensor with a very low dark current. One important feature of the TC236 very high-resolution
sensor is the ability to capture a full 340,000 pixels per field. The image sensor also provides high-speed image-
transfer capability. This capability allows for a continuous electronic exposure control without the loss of
sensitivity and resolution inherent in other technologies. The charge is converted to signal voltage at 20
µV per
electron by a high-performance structure with a reset and a voltage-reference generator. The signal is further
buffered by a low-noise, two-stage, source-follower amplifier to provide high output-drive capability.
The TC236 is built using TI-proprietary advanced virtual-phase (AVP) technology, which provides devices with
high blue response, low dark signal, good uniformity, and single-phase clocking. The TC236 is characterized
for operation from – 10
°C to 45°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to VSS. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUT to VSS during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
ADVANCE INFORMATION concerns new products in the sampling or
preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - TC236PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC236P TI-TC236P Datasheet
223Kb / 17P
680-횞500-PIXEL CCD IMAGE SENSOR
More results

Similar Description - TC236PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC253SPD-B0 TI-TC253SPD-B0 Datasheet
367Kb / 23P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
680 X 500 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
680-횞500-PIXEL CCD IMAGE SENSOR
TC246 TI1-TC246 Datasheet
1Mb / 30P
680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
TX253-30 TI-TX253-30 Datasheet
247Kb / 19P
680 X 500 PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com