Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC236PA Datasheet(PDF) 13 Page - Texas Instruments

Part # TC236PA
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC236PA Datasheet(HTML) 13 Page - Texas Instruments

Back Button TC236PA Datasheet HTML 7Page - Texas Instruments TC236PA Datasheet HTML 8Page - Texas Instruments TC236PA Datasheet HTML 9Page - Texas Instruments TC236PA Datasheet HTML 10Page - Texas Instruments TC236PA Datasheet HTML 11Page - Texas Instruments TC236PA Datasheet HTML 12Page - Texas Instruments TC236PA Datasheet HTML 13Page - Texas Instruments TC236PA Datasheet HTML 14Page - Texas Instruments TC236PA Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
5
10
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
0
1
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
CM500 TRANSMISSION
Figure 9. TC236 Sensor Spectral Response With a 1-mm CM500 IR Block Filter
0
5
20
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
10
15
Figure 10. TC236 Sensor Spectral Response Without a 1-mm CM500 IR Block Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com