Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC236PA Datasheet(PDF) 14 Page - Texas Instruments

Part # TC236PA
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC236PA Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC236PA Datasheet HTML 7Page - Texas Instruments TC236PA Datasheet HTML 8Page - Texas Instruments TC236PA Datasheet HTML 9Page - Texas Instruments TC236PA Datasheet HTML 10Page - Texas Instruments TC236PA Datasheet HTML 11Page - Texas Instruments TC236PA Datasheet HTML 12Page - Texas Instruments TC236PA Datasheet HTML 13Page - Texas Instruments TC236PA Datasheet HTML 14Page - Texas Instruments TC236PA Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VS
VCC
VSUB
VADB
VODB
12 V
5 V
10 V
22 V
22 V
DC VOLTAGES
CLKIN
PCMP
CLAMP
S/H
CLEAR†
GND
1
2
3
4
5
6
VCC
RST
IA1
IA2
SA
SR
12
11
10
9
8
7
GND
GND
1
7
VCC
CLK
14
8
VAB
VCC
GND
EN
ABIN
ABMIN
1
2
3
4
5
6
VABM
ABOUT
VABL
GND
IA1OUT
VI
24
23
22
21
20
19
IA1IN
7
IA2OUT
18
IA2IN
8
GND
17
SAIN
9
SAOUT
16
SRIN
10
VS
15
SRMIN
11
SROUT
14
GND
12
VSM
13
SUB
ODB
IAG2
ADB
OUT2
OUT1
1
2
3
4
5
6
IAG1
SAG
SAG
SUB
SRG
RST
12
11
10
9
8
7
Oscillator
VCC
0.1
VS
0.1
VCC
VCC
TMC57253
VSUB
VS
0.1
33
+
ADB
0.1
33
+
100
VADB
+
15
0.1
OUT1
1 k
2N3904
100
VADB
+
15
0.1
OUT2
1 k
2N3904
10 k
VODB
+
15
0.1
2N3904
10 k
VODB
CLR‡
+
15
2N3904
1 k
2N3904
10 k
22 pF
10 k
22 pF
User-Defined
Timer
TC236
All values are in
Ω and µF unless otherwise noted.
15 V
† CLEAR is active-low TTL.
‡ CLR is nominally 18 VDC with a 10-V pulse for image clear.
Figure 11. Typical Application Circuit Diagram
SUPPORT CIRCUIT
DEVICE
PACKAGE
APPLICATION
FUNCTION
TMC57253HSOP
44-pin flatpack
Driver
Driver for IAG1, 2, SAG, SRG, and RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com