Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5366 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB5366
Description  Evaluation Board for CS5366
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5366 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB5366 Datasheet HTML 5Page - Cirrus Logic CDB5366 Datasheet HTML 6Page - Cirrus Logic CDB5366 Datasheet HTML 7Page - Cirrus Logic CDB5366 Datasheet HTML 8Page - Cirrus Logic CDB5366 Datasheet HTML 9Page - Cirrus Logic CDB5366 Datasheet HTML 10Page - Cirrus Logic CDB5366 Datasheet HTML 11Page - Cirrus Logic CDB5366 Datasheet HTML 12Page - Cirrus Logic CDB5366 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS626DB1
9
CDB5366
In TDM mode, SDOUT_SEL1 and SDOUT_SEL 0 extract two stereo pairs from the CS5366 TDM stream,
convert the data to Left-Justified PCM format and send the data to the CS8406 data input pin.
0x00 TDM Pair 1 (Channel 1, 2)
0x01 TDM Pair 2 (Channel 3, 4)
0x10 TDM Pair 3 (Channel 5, 6)
0x11 Reserved
In PCM mode, SDOUT_SEL1 and SDOUT_SEL 0 select which SDOUT pin of the CS5366 is sent to the
CS8406.
0x00 SDOUT1 (Channel 1, 2)
0x01 SDOUT2 (Channel 3, 4)
0x10 SDOUT3 (Channel 5, 6)
0x11 Reserved
TDM2PCM/PCM selects the clock source for the CS8406.
0x00 8406 Clock Source is CS5366
0x01 8406 Clock Source is the FPGA TDM2PCM engine
4. CDB5366 HARDWARE
The CDB5366 Evaluation Board has a number of connections, switches and jumpers that provide ease and conve-
nience for quickly evaluating the most commonly used functions of the CS5366 silicon device. The following tables
list the purpose of each hardware option on the Evaluation Board.
4.1
Input and Output Connectors
The input and output connectors provide power and signal connectivity to the CDB5366 Evaluation Board
as shown in Table 1.
Table 1. CDB5366 Input and Output Connectors
DESIGNATOR
NAME
CLASS
FUNCTION
J6
GND
Ground
Ground connection from power supply
J2
+5 V
Power
+ 5 Volt power for CS5366
J16
+12 V
Power
+12 V power for the active input buffers
J17
-12 V
Power
-12 V power for the active input buffers
J18
AIN6
Analog Input
Analog input channel 6
J19
AIN5
Analog Input
Analog input channel 5
J20
AIN1
Analog Input
Analog input channel 1
J21
AIN2
Analog Input
Analog input channel 2
J22
AIN4
Analog Input
Analog input channel 4
J23
AIN3
Analog Input
Analog input channel 3
OPT1
Optical Output
Digital Output
S/PDIF Optical Digital audio output
J3
Coax Output
Digital Output
S/PDIF Coaxial Digital audio output
J5
RS232 I/O
Digital I/O
FlexGUI Interface port to PC
J10
USB I/O
Digital I/O
FlexGUI Interface port to PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com