Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5366 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB5366
Description  Evaluation Board for CS5366
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5366 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB5366 Datasheet HTML 7Page - Cirrus Logic CDB5366 Datasheet HTML 8Page - Cirrus Logic CDB5366 Datasheet HTML 9Page - Cirrus Logic CDB5366 Datasheet HTML 10Page - Cirrus Logic CDB5366 Datasheet HTML 11Page - Cirrus Logic CDB5366 Datasheet HTML 12Page - Cirrus Logic CDB5366 Datasheet HTML 13Page - Cirrus Logic CDB5366 Datasheet HTML 14Page - Cirrus Logic CDB5366 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS626DB1
11
CDB5366
4.5
Power Supply Circuitry
Power is applied to the evaluation board through five binding posts (+5 V, +12 V, -12 V, VA and GND). The
GND connection is the common reference for power supplies. The +5 V binding post supplies digital power
for all logic devices. The +12 V and -12 V binding posts supply power for the Operational Amplifier input
buffers. The VA binding posts supplies power to the Analog Reference.
4.6
Grounding and Power Supply Treatment
As a high-peformance mixed-signal device, the CS5366 requires careful attention to power and grounding
arrangements to optimize CS5366 performance. The CDB5366 Evaluation Board provides an excellent ref-
erence example of an optimum two-layer board layout that places decoupling capacitors as close to the
CS5366 as possible and provides ground plane fill on both top and bottom layers.
4.7
FPGA Hardware
The on-board FPGA is utilized for several purposes. In addition to providing a method for configuring the
CS5366 in Software mode, it contains its own configuration registers that provide clock and data routing for
Master and Slave modes of the CS5366. The FPGA contains a multiplexer that selects which SDOUT line
is routed to the CS8406. It also contains a TDM2PCM engine that extracts channel pairs from a TDM stream
and sends them to the CS8406.
4.8
CS8406 S/PDIF Audio Transmitter
The system generates standard S/PDIF data using a CS8406 192 kHz Digital Audio Transmitter. The
CS8406 receives input data from the FPGA in PCM format and transmits S/PDIF data on both optical and
coaxial output connectors. The optical output connector is limited to a maximum speed of 96 kHz. The co-
axial connector supports Quad Speed 192 kHz clocking rates.
4.9
Serial Audio Interface
In addition to the standard S/PDIF outputs, the Customer Evaluation Board has been designed to allow
Master and Slave operation using the Serial Audio Interface (SAI) via the 14-pin header, J4, which includes
the signals MCLK, SCLK, LRCK, and the four serial data lines.
When the CS5366 is in Slave mode, SCLK and LRCK/FS must be supplied externally through the J4 head-
er.
4.10 Analog Input Buffer
The CDB5366 includes an example of an active low-noise, single-ended-to-differential analog input buffer
shown in the schematic drawings, Figures 10 and 11. Alternate active or passive, single-ended or differen-
tial topologies may be used as cost dictates. However, the high performance of the CS5366 may be com-
promised. Optimum device performance is met by buffering the CS5366 with a low noise structure that is
stable with a 2700 pF output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com