Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5366 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5366
Description  Evaluation Board for CS5366
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5366 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5366 Datasheet HTML 1Page - Cirrus Logic CDB5366 Datasheet HTML 2Page - Cirrus Logic CDB5366 Datasheet HTML 3Page - Cirrus Logic CDB5366 Datasheet HTML 4Page - Cirrus Logic CDB5366 Datasheet HTML 5Page - Cirrus Logic CDB5366 Datasheet HTML 6Page - Cirrus Logic CDB5366 Datasheet HTML 7Page - Cirrus Logic CDB5366 Datasheet HTML 8Page - Cirrus Logic CDB5366 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
Evaluation Board for CS5366
Features
! Single-Ended to Differential Analog Inputs
! 3.3 V Logic Interface
! Connection for DSP Serial I/O
! Windows®-Compatible CDB5366 Software
Supplied by Cirrus to Configure the CS5366
! On-Board CS8406 to Generate S/PDIF and
EIAJ-340 Digital Audio
! Requires Only an Analog Signal Source, Power
Supplies and, optionally, a PC for a Complete
Analog-to-Digital-Converter Evaluation System
Description
The CDB5366 evaluation board is an excellent means
for quickly evaluating the CS5366 24-bit, 192 kHz A/D
converter. Evaluation requires only a digital signal ana-
lyzer, an analog signal source, and a power supply.
On-board DIP switches configure the CS5366 in Stand-
Alone mode, avoiding the need for a PC.
For software-based device configuration, the Control
Port mode is used by attaching a host PC to the Evalu-
ation Board and executing the provided FlexGUI
software.
ORDERING INFORMATION
CDB5366
Evaluation Board
Ain+
Ain-
Clks/Data
Analog
Input
Buffers
RCA
Jacks
8051 Micro
RS232
USB
I²C or SPI
FPGA
Optical
Coaxial
CS8406
AES/EBU
S/PDIF
Transmitter
Buffers
Audio
6
6
6
CS5366 A/D
Clks/Data
Control
S/PDIF
Output
CDB5366
SEPTEMBER '05
DS626DB1


Similar Part No. - CDB5366

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5366 CIRRUS-CDB5366 Datasheet
713Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CDB5366 CIRRUS-CDB5366 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CDB5366 CIRRUS-CDB5366 Datasheet
384Kb / 42P
114 dB, 192 kHz, 6-Channel A/D Converter
More results

Similar Description - CDB5366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com