Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120P Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # CGH40120P
Description  120 W, RF Power GaN HEMT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120P Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  CGH40120P Datasheet HTML 1Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 2Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CGH40120P
2
Rev. 4.0, 2022-7-14
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Parameter
Symbol
Rating
Units
Conditions
Drain-Source Voltage
V
DSS
120
V
25˚C
Gate-to-Source Voltage
V
GS
-10, +2
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
Maximum Forward Gate Current
I
GMAX
30
mA
25˚C
Maximum Drain Current1
I
DMAX
12
A
Soldering Temperature2
T
S
245
˚C
Thermal Resistance, Junction to Case3
R
θJC
1.32
˚C/W
85˚C
Case Operating Temperature3,4
T
C
-40, +75
˚C
Absolute Maximum Ratings (not simultaneous) at 25˚C Case Temperature
Electrical Characteristics (T
C = 25˚C)
Notes:
1
Measured on wafer prior to packaging
2
Scaled from PCM data
3
Measured in CGH40120P-AMP
4
Drain Efficiency = P
OUT / PDC
Notes:
1
Current limit for long term, reliable operation
2
Refer to the Application Note on soldering at wolfspeed.com/rf/document-library
3
Measured for the CGH40120P at P
DISS = 115 W
4
See also, the Power Dissipation De-rating Curve on Page 6
Characteristics
Symbol
Min.
Typ.
Max. Units Conditions
DC Characteristics1
Gate Threshold Voltage
V
GS(th)
-3.8
-3.0
-2.3
V
DC
V
DS = 10 V, ID = 28.8 mA
Gate Quiescent Voltage
V
GS(Q)
–
-2.7
–
V
DS = 28 V, ID = 1.0 A
Saturated Drain Current2
I
DS
20.2
28.2
–
A
V
DS = 6.0 V, VGS = 2.0 V
Drain-Source Breakdown Voltage
V
BR
84
–
–
V
DC
V
GS = -8 V, ID = 28.8 mA
RF Characteristics3 (T
C = 25˚C, F0 = 1.3 GHz unless otherwise noted)
Power Gain
G
SS
14.6
15.5
–
dB
V
DD = 28 V, IDQ = 1.0 A, PIN = 35 dBm, Pulse
Width = 100 usec, Duty Cycle = 10%
Power Output
P
SAT
93
100
–
W
Drain Efficiency4
η
49.4
60
–
%
Output Mismatch Stress
VSWR
–
–
10 : 1
Y
No damage at all phase angles, V
DD = 28 V,
I
DQ = 1.0 A, POUT = 100 W CW
Dynamic Characteristics
Input Capacitance
C
GS
–
35.3
–
pF
V
DS = 28 V, VGS = -8 V, f = 1 MHz
Output Capacitance
C
DS
–
9.1
–
Feedback Capacitance
C
GD
–
1.6
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com