Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120P Datasheet (PDF) - WOLFSPEED, INC.

CGH40120P Datasheet PDF - WOLFSPEED, INC.
Part # CGH40120P
Download  CGH40120P Download
File Size   1452.56 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, RF Power GaN HEMT

CGH40120P Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH40120P Datasheet PDF - WOLFSPEED, INC.

Part # CGH40120P
Download  CGH40120P Click to download

File Size   1452.56 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, RF Power GaN HEMT

CGH40120P Datasheet (HTML) - WOLFSPEED, INC.


CGH40120P Product details

Description
Wolfspeed’s CGH40120P is an unmatched, gallium nitride (GaN)
high electron mobility transistor (HEMT). The CGH40120P,
operating from a 28 volt rail, offers a general purpose, broadband
solution to a variety of RF and microwave applications. GaN
HEMTs offer high efficiency, high gain and wide bandwidth
capabilities making the CGH40120P ideal for linear and
compressed amplifier circuits. The transistor is available in a
metal-ceramic pill package.
Large Signal Models Available for ADS and MWO
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms
Features
• Up to 2.5 GHz Operation
• 20 dB Small Signal Gain at 1.0 GHz
• 15 dB Small Signal Gain at 2.0 GHz
• 120 W Typical PSAT
• 70% Efficiency at PSAT
• 28 V Operation




Similar Part No. - CGH40120P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120P-AMP CREE-CGH40120P-AMP Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120P-TB CREE-CGH40120P-TB Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev 3.0
More results


Similar Description - CGH40120P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
10 W, RF Power GaN HEMT
Rev 1.4
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
6 W, RF Power GaN HEMT
Rev 3.0
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.0
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40180PP CREE-CGH40180PP Datasheet
2Mb / 13P
180 W, RF Power GaN HEMT
Rev 3.0
logo
WOLFSPEED, INC.
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com