Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120P Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # CGH40120P
Description  120 W, RF Power GaN HEMT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120P Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button CGH40120P Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 9Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 10Page - WOLFSPEED, INC. CGH40120P Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CGH40120P
7
Rev. 4.0, 2022-7-14
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Designator
Description
Qty
C1, C30
CAP, 27 pF +/- 5%, 250V, 0805, ATC 600F
2
C2
CAP, 1.2 pF, +/- 0.1 pF, 0603, ATC 600S
1
C3, C4
CAP, 3.9 pF, +/- 0.1 pF, 0603, ATC 600S
2
C5, C6
CAP, 4.7 pF, +/- 0.1 pF, 0603, ATC 600S
2
C11, C31
CAP, 27 pF, +/-5%, 0603, ATC 600S
2
C12, C32
CAP, 100 pF, +/- 5%, 0603, ATC 600S
2
C13, C33
CAP, 470 pF +/- 5%,100 V, 0603, Murata
2
C14, C34
CAP, CER, 33000 pF, 100V, X7R, 0805, Murata
2
C15
CAP, 10 μF, 16V, SMT, TANTALUM
1
C35
CAP, CER, 1.0 μF, 100V, +/- 10%, X7R, 1210
1
C36
CAP, 33 μF, 100V, ELECT, FK, SMD
1
C20, C21
CAP, 5.6 pF +/- 0.1 pF, 0805, ATC 600F
2
C22, C23
CAP, 0.5 pF +/- 0.05 pF, 0805, ATC 600F
2
C24, C25
CAP, 1.2 pF +/- 0.1 pF, 0805, ATC 600F
2
R1
RES, 1/16W, 0603, 511 ohms (≤5% tolerance)
1
R2
RES, 1/16W, 0603, 5.1 ohms (≤5% tolerance)
1
L1
IND, 6.8 nH, 0603, L-14C6N8ST
1
L2
IND, FERRITE, 220 ohm, 0805, BLM21PG221SN1
1
J1, J2
CONN, N-Type, Female, 0.500 SMA Flange
2
J3
CONN, Header, RT> PLZ, 0.1 CEN, LK, 9 POS
1
-
PCB, RO4003, Er = 3.38, h = 32 mil
1
Q1
CGH40120P
1
CGH40120P-AMP Demonstration Amplifier Circuit Bill of Materials
CGH40120P-AMP Demonstration Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com