Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40180PP Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40180PP Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  CGH40180PP Datasheet HTML 1Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 2Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 3Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 4Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 5Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 6Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 7Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 8Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CGH40180PP
2
Rev. 3.3, 2022-11-17
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Absolute Maximum Ratings (not simultaneous) at 25˚C Case Temperature
Parameter
Symbol
Rating
Units
Conditions
Drain-Source Voltage
VDSS
120
V
25ºC
Gate-to-Source Voltage
VGS
-10, +2
Storage Temperature
TSTG
-65, +150
ºC
Operating Junction Temperature
TJ
225
Maximum Forward Gate Current
IGMAX
60
mA
25ºC
Maximum Drain Current1
IDMAX
24
A
Soldering Temperature2
TS
245
ºC
Screw Torque
τ
40
in-oz
Thermal Resistance, Junction to Case3
RθJC
0.9
ºC/W
85ºC
Case Operating Temperature3, 4
TC
-40, +85
ºC
Electrical Characteristics (TC= 25˚C)
Characteristics
Symbol Min.
Typ.
Max.
Units Conditions
DC Characteristics1
Gate Threshold Voltage
VGS(th)
-3.8
-3.0
-2.3
VDC
VDS = 10 V, ID = 57.6 mA
Gate Quiescent Voltage
VGS(Q)
—
-2.7
—
VDs = 28 V, ID = 2.0 A
Saturated Drain Current2
IDS
40.3
56.4
—
A
VDS = 6.0 V, VGS = 2.0 V
Drain-Source Breakdown Voltage
VBR
84
—
—
VDC
VGS = -8 V, ID = 57.6 mA
RF Characteristics3, 4 (TC = 25˚C, F0 = 1.3 GHz unless otherwise noted)
Power Gain
GP
13
—
—
dB
VDD = 28 V, IDQ = 2.0 A, POUT = PSAT
Small Signal Gain
GSS
—
19
—
VDD = 28 V, IDQ = 2.0 A
Power Output at Saturation5
PSAT
180
220
W
Drain Efficiency6
η
56
65
—
%
VDD = 28 V, IDQ = 2.0 A, POUT = PSAT
Output Mismatch Stress
VSWR
—
—
10 : 1
Y
No damage at all phase angles,
VDD = 28 V, IDQ = 2.0 A, POUT = 180 W CW
Dynamic Characteristics7
Input Capacitance
CGS
—
35.7
—
pF
VDS = 28 V, VGS = -8 V, ƒ = 1 MHz
Output Capacitance
CDS
—
9.6
—
Feedback Capacitance
CGD
—
1.6
—
Notes:
1 Current limit for long term, reliable operation
2 Refer to the Application Note on soldering at wolfspeed.com/rf/document-library
3 CGH40180PP at PDISS = 224 W
4 See also, the Power Dissipation De-rating Curve on Page 6
Notes:
1 Measured on wafer prior to packaging
2 Scaled from PCM data
3 Measured in CGH40180PP-AMP, including all coupler losses
4 IDQ of 2.0 A is by biasing each device at 1.0 A
5 PSAT is defined as: Q1 or Q2 = IG = 2.8 mA
6 Drain Efficiency = POUT/PDC
7 Capacitance values are for each side of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com