| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH40010
|
948Kb / 12P |
10 W, RF Power GaN HEMT
Rev 1.4 |
|
CGH40045
|
1Mb / 12P |
45 W, RF Power GaN HEMT
Rev 1.1 |
|
CGH40006P
|
1Mb / 14P |
6 W, RF Power GaN HEMT
Rev 3.0 |
|
CGH40090PP
|
1Mb / 13P |
90 W, RF Power GaN HEMT
Rev 5.0 |
|
CGH40120F
|
1Mb / 13P |
120 W, RF Power GaN HEMT
Rev 3.0 |
|
CGH40120P
|
1Mb / 12P |
120 W, RF Power GaN HEMT
Rev 3.0 |
|
CGH40180PP
|
2Mb / 13P |
180 W, RF Power GaN HEMT
Rev 3.0 |
 WOLFSPEED, INC. |
CGH40090PP
|
1Mb / 13P |
90 W, RF Power GaN HEMT
Rev 5.2 March 2020 |
|
CGH40120F
|
1Mb / 13P |
120 W, RF Power GaN HEMT
Rev 4.1 - March 2020 |
|
CGH40120P
|
1Mb / 12P |
120 W, RF Power GaN HEMT
Rev. 4.0, 2022-7-14 |