Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40180PP Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40180PP Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CGH40180PP Datasheet HTML 1Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 2Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 3Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 4Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 5Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 6Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 7Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 8Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CGH40180PP
3
Rev. 3.3, 2022-11-17
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance
Figure 1. Gain and Return Loss vs Frequency measured in
Broadband Amplifier Circuit CGH40180PP-AMP
VDD = 28 V, IDQ = 2.0 A
Figure 2. Output Power and Drain Efficiency vs Frequency
measured in Broadband Amplifier Circuit CGH40180PP-AMP
VDD = 28 V, IDQ = 2.0 A
Frequency (MHz)
Frequency (GHz)
-5
0
5
10
15
18
21
24
S-parameter CGH40180PP
S11
S21
-30
-25
-20
-15
-10
0
3
6
9
12
800
900
1000
1100
1200
1300
1400
1500
1600
1700
Frequency (MHz)
S21
S11
S11
60%
70%
80%
90%
100%
190
205
220
235
250
Power and Efficiency vs Frequency
Drain Efficiency
Psat
0%
10%
20%
30%
40%
50%
100
115
130
145
160
175
1100
1150
1200
1250
1300
Frequency (MHz)
Psat
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com