Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223XD Datasheet(PDF) 55 Page - STMicroelectronics

Part # STV223XD
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XD Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STV223XD Datasheet HTML 51Page - STMicroelectronics STV223XD Datasheet HTML 52Page - STMicroelectronics STV223XD Datasheet HTML 53Page - STMicroelectronics STV223XD Datasheet HTML 54Page - STMicroelectronics STV223XD Datasheet HTML 55Page - STMicroelectronics STV223XD Datasheet HTML 56Page - STMicroelectronics STV223XD Datasheet HTML 57Page - STMicroelectronics STV223XD Datasheet HTML 58Page - STMicroelectronics STV223XD Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
STV223XD/224XC - INPUT/OUTPUT SCHEMATIC DIAGRAMS
55/76
Figure 22. STV2238D (TQFP64) (continued)
FMCAP
VCCIF (5V) (Pin 20 - TQFP64)
VCCIF (5V) (Pin 20 - TQFP64)
SIFIN1, PIFIN1
Pins 8 - 13
SIFIN2, PIFIN2
Pins 9 - 14
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
VCCIF (5V) (Pin 20 - TQFP64)
2.5 V
7
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com