Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223XD Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV223XD
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XD Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV223XD Datasheet HTML 38Page - STMicroelectronics STV223XD Datasheet HTML 39Page - STMicroelectronics STV223XD Datasheet HTML 40Page - STMicroelectronics STV223XD Datasheet HTML 41Page - STMicroelectronics STV223XD Datasheet HTML 42Page - STMicroelectronics STV223XD Datasheet HTML 43Page - STMicroelectronics STV223XD Datasheet HTML 44Page - STMicroelectronics STV223XD Datasheet HTML 45Page - STMicroelectronics STV223XD Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
STV223XD/224XC - I²C BUS SELECTION
42/76
6.2 STV2238D: SUMMARY OUTPUT SIGNALS (READ MODE)
13
Not to be used
Crystal In-
put Pin Disa-
ble
Chroma Standard Selec-
tion
Crystal Selection
3rd Crystal
14
Flesh Char. Flesh on/off
HUE
15
Safety Reset
Not to be used
SVHS switch
Second Video Switch Con-
trol
Main Video
Switch Control
16
Interlace
HOUT Disa-
ble
Horizontal Shift
17
50/60Hz Selection
Vertical Amplitude
18
Vertical
Sync ON/
OFF
Line Sync
ON/OFF
PLL1 Time Constant
Vertical Position
19
Not to be used
Noise Detector
Threshold
Long Blank-
ing
4/3-16/9
1A
Manual Cut-off Register - Red
1B
Manual Cut-off Register - Green
1C
Manual Cut-off Register - Blue
1D
Not to be used or CVBS1out (SDIP56, pin 29)
1E
Not to be used
AGC SIF
time con-
stant
Not to be used
1F
Audio Out
(Mono or Sound subcarri-
ers)
AVL
On/Off
AVL Time
Constant
Luma Delay
Shift
Not to be
used
Sound Sta-
tus Refresh
VOUT
Inhibition
Reg.Ad
dr.
(Hex)
DATA D7
DATA D6
DATA D5
DATA D4
DATA D3
DATA D2
DATA D1
DATA D0
00
Chroma Standard
Selection Status
Crystal Selection Status
Video Ident.
Status
Field Lock
Status
50/60 Hz
Status
Power ON
Reset
01
FM Dem.
VCO Cal.
Status
Scanning
VCO Cal.
Status
FBosd
Detection
FBext De-
tection
Safety
Status
Horizontal
Lock Status
Noise Detec-
tor Status
SVHS
Status
02
Cut-off loop status
FM Sound Carrier Levels
Digital AF Status
03
Tuner AGC
Output Sta-
tus
IC Identification
Reg.
Addr.
(Hex)
DATA D7
DATA D6
DATA D5
DATA D4
DATA D3
DATA D2
DATA D1
DATA D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com