Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV223XD Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV223XD
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XD Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV223XD Datasheet HTML 29Page - STMicroelectronics STV223XD Datasheet HTML 30Page - STMicroelectronics STV223XD Datasheet HTML 31Page - STMicroelectronics STV223XD Datasheet HTML 32Page - STMicroelectronics STV223XD Datasheet HTML 33Page - STMicroelectronics STV223XD Datasheet HTML 34Page - STMicroelectronics STV223XD Datasheet HTML 35Page - STMicroelectronics STV223XD Datasheet HTML 36Page - STMicroelectronics STV223XD Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
STV223XD/224XC - ELECTRICAL CHARACTERISTICS
33/76
U & V OUTPUTS (TQFP64)
CHROMA REFERENCE OUTPUT
4.9 SCANNING PART
SYNC. SEPARATOR
HORIZONTAL OSCILLATOR
FIRST LOOP FILTER
SECOND LOOP FILTER
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
UVout-dcc Black Level
3.7
V
Uout-amp
B-Y Signal Amplitude
Chroma delay line ON,
75% color bar PAL/SECAM
1.33
VPP
Vout-amp
R-Y Signal Amplitude
Chroma delay line ON,
75% color bar PAL/SECAM
1.05
VPP
UVres
Internal Output Resistance
300
Ω
Uout-amp
B-Y Signal Amplitude
Chroma delay line OFF,
75% color bar PAL
0.66
VPP
Vout-amp
R-Y Signal Amplitude
Chroma delay line OFF,
75% color bar PAL
0.52
VPP
DemRatio
Ratio of B-Y/R-Y demodulators
gain
75% color bar PAL/SECAM,
measured on U, V outputs
1.14
1.27
1.4
-
RES
Residual Subcarrier at U, V outputs
45
mVPP
Lum/chr
Luma/Chroma Delay Difference at
U, V outputs
External CVBS input signal,
reg 1Fd3 = 0
±80
ns
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
CHR-amp
Chroma VCO Reference Signal
Amplitude
0.4
VPP
ISCHR
Sink Current
0.5
mA
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
Vsync
Synchronization Pulse Amplitude
50
300
450
mV
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
fH50
Horizontal Frequency
50 Hz mode
15.6
kHz
fH60
Horizontal Frequency
60 Hz mode
15.7
kHz
fRANGE
Frequency Control Range
Low Frequency
High Frequency
14.7
15.9
15.0
16.3
15.3
—
kHz
fFREE
Free Frequency when PLL1 opened
15.3
15.6
15.9
kHz
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
ILOW
Long Time Constant Output Current
0.10
0.13
0.16
mA
IHIGH
Short Time Constant Output Current
0.30
0.40
0.56
mA
IVLOW
Very Long Time Constant
0.03
0.05
0.07
mA
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
CrangeP2
Control Range from start of horizon-
tal output to flyback pulse
Centered horizontal position
0 to
12
µs
Hshift
Horizontal Position Control Range
5
5.25
µs
Hdrift
Horizontal Drift with temperature
From 0°C to 70°C (see Note 9)
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com