Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5360
Description  Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5360 Datasheet HTML 1Page - Cirrus Logic CS5360 Datasheet HTML 2Page - Cirrus Logic CS5360 Datasheet HTML 3Page - Cirrus Logic CS5360 Datasheet HTML 4Page - Cirrus Logic CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CDB5334/35/60
DS194DB3
5
Table 1. System Connections
Table 2. Jumper Selectable Options
CONNECTOR
INPUT/OUTPUT
SIGNAL PRESENT
+5VA
input
+5 Volts for analog section
+5VD
input
+5 Volts for digital section
±12V
input
±12 Volts for analog input
AGND
input
analog ground connection from power source
DGND
input
digital ground connection from power source
AINL
input
left channel differential/single ended analog input
AINR
input
right channel differential/single ended analog input
LRCK, SCLK
input/output
I/O for serial and left/right clocks
MCLK
output
master clock output
SDATA
output
serial data output
FRAME
output
framing signal output for PSL bits
coaxial output
output
CS8420A digital output via transformer
optical output
output
CS8420A digital output via optical transmitter
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
SMODE1,
SMODE2
Selects master/slave operation for
CS5334, CS5335, and CS5360 and I/O
status of HDR2. SMODE1 and SMODE2
should always be set to the same position.
*MASTER
SLAVE
Timing generation onboard.
External clock generation, derived from
MCLK.
TMODE1,
TMODE2
Selects the functionality of the PSL bits.
TMODE1 and TMODE2 should always be
set to the same position.
HI RES
*BARGRAPH
PSL bits display the input level
PSL bits display the bargraph
HPSEL
Enables or disables the input highpass filter
on the CS5334, CS5335, and CS5360
DEFEAT
*ENABLE
Defeats highpass filter
Enables highpass filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com