Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5360
Description  Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5360 Datasheet HTML 1Page - Cirrus Logic CS5360 Datasheet HTML 2Page - Cirrus Logic CS5360 Datasheet HTML 3Page - Cirrus Logic CS5360 Datasheet HTML 4Page - Cirrus Logic CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CDB5334/35/60
4
DS194DB3
but inverting the SCLK so that data is valid on the
falling edge of SCLK will make the Format 0 inter-
face lines match the Format 1 interface lines on the
CS8402A. The PLD configures the CS8402A to
Format 1 and performs SCLK inversion automati-
cally when the DIF1, DIF0 switches on SW1 are set
to 00.
Digital Interface Format 1 on the CS5334, CS5335,
and CS5360 has valid data on the falling edge of
SCLK. This interface format matches Format 1 on
the CS8402A, so no modification is performed on
the digital interface lines. The PLD configures the
CS8402A to FORMAT 1 and passes the interface
lines from the CS5334, CS5335, or CS5360
through to the CS8402A unchanged when the
DIF1, DIF0 switches are set to 01.
Digital Interface Format 2 is the I2S compatible
mode. It matches Format 4 on the transmitter. The
PLD configures the CS8402A to Format 4 and
passes the interface lines from the CS5334,
CS5335, or CS5360 through to the CS8402A un-
changed when the DIF1, DIF0 switches are set to
10.
CS8402A MCLK Generation
When the CDB5334/35/60 is set up for SLAVE
mode, the crystal oscillator (U5) can be 256x,
384x, or 512x Fs. The CS8402A requires a master
clock frequency of 128x Fs to operate. The PLD
can be configured to divide MCLK_5335 (the os-
cillator output) by 2, 3, or 4 to generate
MCLK_8402, thus accommodating the various
possible frequencies of the oscillator. The switches
on SW1 labeled MCLK_S1 and MCLK_S0 select
the degree of clock division as defined in Table 3.
Decoding PSL bits / Driving LEDs
The PLD decodes and displays the Peak Signal
Level bits for both High Resolution and Bargraph
modes (for detailed information on the PSL bits,
see the CS5334/CS5335 and CS5360 datasheets).
When the TMODE1 and TMODE2 jumpers, de-
fined in Table 2, are set to BARGRAPH, the PLD
decodes the PSL bits and drives bargraph LEDs for
the left and right channels. When the TMODE1 and
TMODE2 jumpers are set to HI RES (High Reso-
lution mode), the PLD drives the 7 segment dis-
plays for left and right channels.
The PLD also provides a Peak Update (PU) signal,
which adjusts the rate at which the PSL bits are up-
dated. Four settings provide update rates ranging
from 42 ms to 2.7 s (for a 48 kHz sample rate). The
switches on SW1 labeled PU_S1 and PU_S0 select
the PU frequency as shown in Table 3.
GROUNDING AND POWER SUPPLY
DECOUPLING
The CS5334, CS5335, and CS5360 require careful
attention to power supply and grounding arrange-
ments to optimize performance. Figure 4 shows the
recommended power arrangements. The CS5334,
CS5335, or CS5360 is positioned over the analog
ground plane, near the digital/analog ground plane
split, to minimize the distance that the clocks trav-
el. The series resistors are present on the clock and
data lines to reduce the effects of transient currents
when driving a capacitive load in MASTER mode,
and to reduce clock overshoot when applying ex-
ternal clocks to the ADC in SLAVE mode.
This layout technique is used to minimize digital
noise and to insure proper power supply match-
ing/sequencing. The decoupling capacitors are lo-
cated as close to the ADC as possible. Extensive
use of ground plane fill on both the analog and dig-
ital sections of the evaluation board yield large re-
ductions in radiated noise effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com