Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5360 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5360
Description  Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 3Page - Cirrus Logic CS5360 Datasheet HTML 4Page - Cirrus Logic CS5360 Datasheet HTML 5Page - Cirrus Logic CS5360 Datasheet HTML 6Page - Cirrus Logic CS5360 Datasheet HTML 7Page - Cirrus Logic CS5360 Datasheet HTML 8Page - Cirrus Logic CS5360 Datasheet HTML 9Page - Cirrus Logic CS5360 Datasheet HTML 10Page - Cirrus Logic CS5360 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CDB5334/35/60
DS194DB3
7
Table 5. CS8402A Switch Definitions - Professional Mode
Switch # 0 = closed, 1 = open
Comment
6
PRO = 1
Pofessional Mode (C0 = 1)
8
CRE
Local Sample Address Counter and Reliability Flags
0
1
Disabled
Internally Generated
7, 4
C6, C7
C6, C7 - Sample Frequency
0 0
0 1
1 0
1 1
00 - Not Indicated - Default to 48 kHz
01 - 48 kHz
10 - 44.1 kHz
11 - 32 kHz
5
C1
C1 - Audio
1
0
0 - Normal Audio
1 - Non-Audio
3
C9
C8, C9, C10, C11 - Channel Mode (1 of 4 bits)
1
0
0000 - Not Indicated - Default to 2-channel
0100 - Stereophonic
1, 2
EM1, EM0
C2, C3, C4 - Emphasis (2 of 3 bits)
1 1
1 0
0 1
0 0
000 - Not Indicated - Default to none
100 - No emphasis
110 - 50/15 µs
111 - CCITTJ.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com