Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 28Page - Cirrus Logic CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
CS5464
32
DS682PP1
6.1.11 Temperature (T) Register
Address: 27
T contains measurements from the on-chip temperature sensor. Measurements are performed during continu-
ous conversions, with the default the Celsius scale (oC). The value is represented in two's complement notation
and in the range of -128.0
≤ T < 128.0, with the binary point to the right of the eighth MSB.
6.1.12 Control (Crtl) Register
Register Address: 28
Default = 0x000000
PC2[7:0]
Phase compensation. Sets a delay in the voltage channel relative to current channel 2. Default
setting is 00000000 = 0.0215 degree phase delay at 60 Hz (when MCLK = 4.096 MHz).
Igain (I2gain)
Sets the gain of the current (current 2) PGA.
0 = Gain is 10 (default)
1 = Gain is 50
STOP
Terminates the auto-boot sequence.
0 = Normal (default)
1 = Stop sequence
INTOD
Converts INT output pin to an open drain output.
0 = Normal (default)
1 = Open drain
NOCPU
Saves power by disabling the CPUCLK pin.
0 = Normal (default)
1 = Disables CPUCLK
NOOSC
Saves power by disabling the crystal oscillator.
0 = Normal (default)
1 = Disabling oscillator circuit
MSB
LSB
-(27)26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16
23
22
21
20
19
18
17
16
PC2[7]
PC2[6]
PC2[5]
PC2[4]
PC2[3]
PC2[2]
PC2[1]
PC2[0]
15
14
13
12
11
10
9
8
--
-
I2gain
--
-
STOP
7
654
32
10
-
-
Igain
INTOD
-
NOCPU
NOOSC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com