Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic CS5464 Datasheet HTML 41Page - Cirrus Logic CS5464 Datasheet HTML 42Page - Cirrus Logic CS5464 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CS5464
DS682PP1
39
7. SYSTEM CALIBRATION
7.1 Channel Offset and Gain Calibration
The CS5464 provides digital DC offset and gain com-
pensation that can be applied to the instantaneous volt-
age and current measurements, and AC offset
compensation to the voltage and current RMS calcula-
tions.
Since the voltage and current channels have indepen-
dent offset and gain registers, system offset and/or
gain can be performed on either channel without the
calibration results from one channel affecting the oth-
er.
The computational flow of the calibration sequences are
illustrated in Figure 13. The flow applies to both the volt-
age channel and current channel.
7.1.1 Calibration Sequence
The CS5464 must be operating in its active state and
ready to accept valid commands. Refer to 5.15 Com-
mands
on page 24. The calibration algorithms are de-
pendent on the value N in the Cycle Count Register (see
Figure 13). Upon completion, the results of the calibra-
tion are available in their corresponding register. The
DRDY bit in the Status Register will be set. If the DRDY
bit is to be output on the INT pin, then DRDY bit in the
Mask Register must be set. The initial values in the AC
gain and offset registers do affect the results of the cal-
ibration results.
7.1.1.1 Duration of Calibration Sequence
The value of the Cycle Count Register (N) determines
the number of conversions performed by the CS5464
during a given calibration sequence. For DC offset and
gain calibrations, the calibration sequence takes at least
N + 30 conversion cycles to complete. For AC offset cal-
ibrations, the sequence takes at least 6N + 30 ADC cy-
cles to complete, (about 6 computation cycles). As N is
increased, the accuracy of calibration results will in-
crease.
7.1.2 Offset Calibration Sequence
For DC and AC offset calibrations, the VIN
± (V2IN±)
pins of the voltage and IIN
± (I2IN±) pins of the current
channels should be connected to their ground reference
level. (see Figure 14.)
The AC offset registers must be set to the default
(0x000000).
7.1.2.1 DC Offset Calibration Sequence
Channel gain should be set to 1.0 when performing DC
offset calibration. Initiate a DC offset calibration. The DC
offset registers are updated with the negative of the av-
erage of the instantaneous samples collected over a
computational cycle. Upon completion of the DC offset
calibration the DC offset is stored in the corresponding
DC offset register. The DC offset value will be added to
In
Modulator
+
X
V, I, V2, I2
Filter
N
I
RMS, VRMS,
I2
RMS, V2RMS
÷
I
dcoff, Vdcoff,
I2
dcoff, V2dcoff
I
gn, Vgn,
I2
gn, V2gn
0.6
+
+
+
= NAMES OF READABLE/WRITABLE REGISTERS.
N
÷
+
X
Σ
√
N
Inverse
X
-1
RMS
I
acoff, Vacoff,
I2
acoff, V2acoff
ΣN
X
-1
+
Gain
DC Offset
AC Offset
RMS
Instantaneous
Figure 13. Calibration Data Flow
+
-
XGAIN
+
-
External
Connections
0V
+
-
AIN+
AIN-
CM +
-
Figure 14. System Calibration of Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com