Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 12Page - Cirrus Logic CS5467 Datasheet HTML 13Page - Cirrus Logic CS5467 Datasheet HTML 14Page - Cirrus Logic CS5467 Datasheet HTML 15Page - Cirrus Logic CS5467 Datasheet HTML 16Page - Cirrus Logic CS5467 Datasheet HTML 17Page - Cirrus Logic CS5467 Datasheet HTML 18Page - Cirrus Logic CS5467 Datasheet HTML 19Page - Cirrus Logic CS5467 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
CS5467
16
DS714A1
ADVANCE RELEASE
The CS5467 calculates the reactive power (QTrig,
Q2Trig) utilizing trigonometric identities, using the formu-
la
The average reactive power calculation (QAvg, Q2Avg) is
generated by averaging the voltage and multiplying that
value by the current measurement with a 90° phase dif-
ference between the two. The 90° phase shift is realized
by applying an IIR digital filter in the voltage channel to
obtain quadrature voltage (see Figure 3 and 4). This fil-
ter will give exactly -90° phase shift across all frequen-
cies, and utilizes epsilon (
ε) to achieve unity gain at the
line frequency.
The instantaneous quadrature voltage (VQ, V2Q) and
current (I, I2) samples are multiplied to obtain the in-
stantaneous quadrature power (Q, Q2). The product is
then averaged over N conversions, utilizing the formula
The peak current (Ipeak, I2peak) and peak voltage (Vpeak,
V2peak) are the instantaneous current and voltage, re-
spectively, with the greatest magnitude detected during
the previous computation cycle. Active, apparent, reac-
tive, and fundamental power are updated every compu-
tation cycle.
4.4 Linearity Performance
The linearity of the VRMS, IRMS, active, reactive, and
power-factor power measurements (before calibration)
will be within ±0.1% of reading over the ranges speci-
fied, with respect to the input voltage levels required to
cause full-scale readings in the IRMS and VRMS regis-
ters. Refer to Accuracy Specifications on page 7.
Until the CS5467 is calibrated, the accuracy of the
CS5467 (with respect to a reference line-voltage and
line-current level on the power mains) is not guaranteed
Q
Trig
S2
P
Active
2
–
=
Q
Avg
Q
n
n1
=
N
∑
N
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com