Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48500 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS48500
Description  Cost-effective, High-performance 32-bit DSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48500 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS48500 Datasheet HTML 9Page - Cirrus Logic CS48500 Datasheet HTML 10Page - Cirrus Logic CS48500 Datasheet HTML 11Page - Cirrus Logic CS48500 Datasheet HTML 12Page - Cirrus Logic CS48500 Datasheet HTML 13Page - Cirrus Logic CS48500 Datasheet HTML 14Page - Cirrus Logic CS48500 Datasheet HTML 15Page - Cirrus Logic CS48500 Datasheet HTML 16Page - Cirrus Logic CS48500 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CS48500 Data Sheet
32-bit Audio Decoder DSP Family
DS734A3
©Copyright 2006 Cirrus Logic, Inc.
13
CONFIDENTIAL
5.4 Power Supply Characteristics
(measurements performed under operating conditions)
5.5 Thermal Data (48 LQFP)
Notes: 1. Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper
covering 20 % of the top & bottom layers.
2. Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper
covering 20 % of the top & bottom layers and 0.5-oz. copper covering 90 % of the internal power plane
& ground plane layers.
3. To calculate the die temperature for a given power dissipation
Τ
j = Ambient Temperature + [ (Power Dissipation in Watts) *
θ
ja ]
4. To calculate the case temperature for a given power dissipation
Τ
c =
Τ
j - [ (Power Dissipation in Watts) * ψ jt ]
Parameter
Min
Typ
Max
Unit
Operational Power Supply Current:
VDD: Core and I/O operating1
VDDA: PLL operating
VDDIO: With most ports operating
Total Operational Power Dissipation:
Standby Power Supply Current:
VDD: Core and I/O not clocked
VDDA: PLL halted
VDDIO: All connected I/O pins 3-stated by other ICs in system
Total Standby Power Dissipation:
1.Dependent on application firmware and DSP clock speed.
-
-
-
-
-
-
-
203
8
27
469
100
1
15
350
-
-
-
-
-
-
-
mA
mA
mA
mW
µA
µA
µA
µW
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
63.5
54
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
0.70
0.64
-
-
°C / Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com