Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48500 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS48500
Description  Cost-effective, High-performance 32-bit DSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48500 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS48500 Datasheet HTML 17Page - Cirrus Logic CS48500 Datasheet HTML 18Page - Cirrus Logic CS48500 Datasheet HTML 19Page - Cirrus Logic CS48500 Datasheet HTML 20Page - Cirrus Logic CS48500 Datasheet HTML 21Page - Cirrus Logic CS48500 Datasheet HTML 22Page - Cirrus Logic CS48500 Datasheet HTML 23Page - Cirrus Logic CS48500 Datasheet HTML 24Page - Cirrus Logic CS48500 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CS48500 Data Sheet
32-bit Audio Decoder DSP Family
DS734A3
©Copyright 2006 Cirrus Logic, Inc.
21
CONFIDENTIAL
5.14 Switching Characteristics — DSD Slave Input Port
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Duty Cycle
-
40
-
60
%
DSD_SCLK Pulse Width Low
tsclkl
78
-
-
ns
DSD_SCLK Pulse Width High
tsclkh
78
-
-
ns
DSD_SCLK Frequency
(64x Oversampled)
(128x Oversampled)
-
-
1.024
2.048
-
-
3.2
6.4
MHz
MHz
DSD_A / _B valid to DSD_SCLK rising setup time
tsdlrs
20
-
-
ns
DSD_SCLK rising to DSD_A or DSD_B hold time
tsdh
20
-
-
ns
DSD clock to data transition (Phase Modulation mode)
tdpm
-20
-
20
ns
Figure 8. Direct Stream Digital - Serial Audio Input Timing
dpm
t
DSD_A, DSD_B
DSD_SC LK
(64Fs)
DSD_SC LK
(128F s)
dpm
t
Figure 9. Direct Stream Digital - Serial Audio Input Timing for Phase Modulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com