Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.EC Datasheet(PDF) 1 Page - ams AG

Part # GWCSSRM1.EC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.EC Datasheet(HTML) 1 Page - ams AG

  GWCSSRM1.EC Datasheet HTML 1Page - ams AG GWCSSRM1.EC Datasheet HTML 2Page - ams AG GWCSSRM1.EC Datasheet HTML 3Page - ams AG GWCSSRM1.EC Datasheet HTML 4Page - ams AG GWCSSRM1.EC Datasheet HTML 5Page - ams AG GWCSSRM1.EC Datasheet HTML 6Page - ams AG GWCSSRM1.EC Datasheet HTML 7Page - ams AG GWCSSRM1.EC Datasheet HTML 8Page - ams AG GWCSSRM1.EC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
2018-01-02
Datasheet
Version 1.6(not for new design)
GW CSSRM1.EC
Higher performance. Lower thermal resistance.
Extended range of driving conditions. This is the
second generation OSLON Square.
Verbesserte Leistung. Verringerter Wärmewiderstand.
Erweiteter zulässiger Betriebsbereich. Das ist die
zweite Generation der OSLON Square.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 2400 K - 5000 K (white)
•
Farbe: 2400 K - 5000 K (weiß)
•
CRI: min. 80 ( typ. 82 )
•
CRI: min. 80 ( typ. 82 )
•
Luminous Flux: typ. 244 lm @ 3000 K, 85 °C
•
Lichtstrom: typ. 244 lm @ 3000 K, 85 °C
•
Luminous efficacy: typ. 124 lm/W @ 3000 K,
85 °C
•
Lichtausbeute: typ. 124 lm/W @ 3000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Museum lighting
•
Museumsbeleuchtung
•
Shop lighting
•
Ladenbeleuchtung
•
Spot lights
•
Spot-Leuchten
•
Stage lighting
•
Bühnenbeleuchtung
•
Retrofits and fixtures
•
Retrofits
OSLON
® Square
2018-05-10
1


Similar Part No. - GWCSSRM1.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM1.EC OSRAM-GWCSSRM1.EC Datasheet
1Mb / 27P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - GWCSSRM1.EC

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
This chip is suitable for the applications that require higher performance
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC3L5L1.TE AMSCO-KWC3L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.5 2021-07-26
GWCSSRM1.CC AMSCO-GWCSSRM1.CC Datasheet
5Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.5
GWCSSRM1.PC AMSCO-GWCSSRM1.PC Datasheet
2Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
KWC2L5L1.TE AMSCO-KWC2L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.6 2021-07-26
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
SUCZHEF1.VC AMSCO-SUCZHEF1.VC Datasheet
1Mb / 24P
This compact UV-C LED is part of the OSLON UV Series.
Version 1.6 2023-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com