Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWDASPA1.EC Datasheet(PDF) 12 Page - ams AG

Part # GWDASPA1.EC
Description  High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWDASPA1.EC Datasheet(HTML) 12 Page - ams AG

Back Button GWDASPA1.EC Datasheet HTML 8Page - ams AG GWDASPA1.EC Datasheet HTML 9Page - ams AG GWDASPA1.EC Datasheet HTML 10Page - ams AG GWDASPA1.EC Datasheet HTML 11Page - ams AG GWDASPA1.EC Datasheet HTML 12Page - ams AG GWDASPA1.EC Datasheet HTML 13Page - ams AG GWDASPA1.EC Datasheet HTML 14Page - ams AG GWDASPA1.EC Datasheet HTML 15Page - ams AG GWDASPA1.EC Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
2018-01-15
12
Version 1.6 (not for new design)
GW DASPA1.EC
IF = f (VF); TJ = 25 °C
ΦV/ΦV(100 mA) = f(IF); TJ = 25 °C
Cx, Cy = f(IF); TJ = 25 °C
GW DASPA1.EC
2.6
2.8
3.0
3.2
VF [V]
50
100
150
200
250
IF [mA]
GW DASPA1.EC
50
10
0
15
0
20
0
25
0
30
IF [mA]
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(100mA)
GW DASPA1.EC
50
10
0
15
0
20
0
25
0
IF [mA]
0.405
0.410
0.415
0.420
0.425
0.430
0.435
0.440
Cx
Cy
: Cx
: Cy
Forward Current 6) page 25 , 8) page 25
Durchlassstrom 6) Seite 25 , 8) Seite 25
Relative Luminous Flux 6) page 25 , 8) page 25
Relativer Lichtstrom 6) Seite 25 , 8) Seite 25
Farbortverschiebung 6) Seite 25
Chromaticity Coordinate Shift 6) page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com