Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWDASPA1.EC Datasheet(PDF) 13 Page - ams AG

Part # GWDASPA1.EC
Description  High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWDASPA1.EC Datasheet(HTML) 13 Page - ams AG

Back Button GWDASPA1.EC Datasheet HTML 9Page - ams AG GWDASPA1.EC Datasheet HTML 10Page - ams AG GWDASPA1.EC Datasheet HTML 11Page - ams AG GWDASPA1.EC Datasheet HTML 12Page - ams AG GWDASPA1.EC Datasheet HTML 13Page - ams AG GWDASPA1.EC Datasheet HTML 14Page - ams AG GWDASPA1.EC Datasheet HTML 15Page - ams AG GWDASPA1.EC Datasheet HTML 16Page - ams AG GWDASPA1.EC Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Version 1.6 (not for new design)
GW DASPA1.EC
2018-01-15
13
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 100 mA
Cx, Cy = f(Tj); IF = 100 mA
GW DASPA1.EC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆VF [V]
GW DASPA1.EC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φ
v(25°C)
GW DASPA1.EC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.39
0.40
0.41
0.42
0.43
0.44
Cx
Cy
: Cx
: Cy
Relative Forward Voltage 6) page 25
Relative Vorwärtsspannung 6) Seite 25
Relative Luminous Flux 6) page 25
Relativer Lichtstrom 6) Seite 25
Farbortverschiebung 6) Seite 25
Chromaticity Coordinate Shift 6) page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com