Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS2.EC Datasheet(PDF) 6 Page - ams AG

Part # KWDCLMS2.EC
Description  The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWDCLMS2.EC Datasheet(HTML) 6 Page - ams AG

Back Button KWDCLMS2.EC Datasheet HTML 2Page - ams AG KWDCLMS2.EC Datasheet HTML 3Page - ams AG KWDCLMS2.EC Datasheet HTML 4Page - ams AG KWDCLMS2.EC Datasheet HTML 5Page - ams AG KWDCLMS2.EC Datasheet HTML 6Page - ams AG KWDCLMS2.EC Datasheet HTML 7Page - ams AG KWDCLMS2.EC Datasheet HTML 8Page - ams AG KWDCLMS2.EC Datasheet HTML 9Page - ams AG KWDCLMS2.EC Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
KW DCLMS2.EC
6 Version 1.2 | 2021-09-24
Chromaticity Coordinate Groups
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
CCT
4L
0.3648 0.3479 4000
0.3670 0.3578 4000
0.3746 0.3624 4000
0.3719 0.3522 4000
4M
0.3719 0.3522 4000
0.3746 0.3624 4000
0.3822 0.3670 4000
0.3791 0.3564 4000
5L
0.3670 0.3578 4000
0.3692 0.3677 4000
0.3773 0.3726 4000
0.3746 0.3624 4000
5M
0.3746 0.3624 4000
0.3773 0.3726 4000
0.3853 0.3776 4000
0.3822 0.3670 4000
Group
Cx
Cy
CCT
6L
0.3692 0.3677 4000
0.3714 0.3775 4000
0.3799 0.3828 4000
0.3773 0.3726 4000
6M
0.3773 0.3726 4000
0.3799 0.3828 4000
0.3885 0.3882 4000
0.3853 0.3776 4000
7L
0.3714 0.3775 4000
0.3736 0.3874 4000
0.3826 0.3931 4000
0.3799 0.3828 4000
7M
0.3799 0.3828 4000
0.3826 0.3931 4000
0.3916 0.3987 4000
0.3885 0.3882 4000
Group
Cx
Cy
CCT
4J
0.3500 0.3375 4500
0.3512 0.3465 4500
0.3591 0.3522 4500
0.3574 0.3427 4500
4K
0.3574 0.3427 4500
0.3591 0.3522 4500
0.3670 0.3578 4500
0.3648 0.3479 4500
5J
0.3512 0.3465 4500
0.3524 0.3555 4500
0.3608 0.3616 4500
0.3591 0.3522 4500
5K
0.3591 0.3522 4500
0.3608 0.3616 4500
0.3692 0.3677 4500
0.3670 0.3578 4500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com