Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS2.EC Datasheet(PDF) 1 Page - ams AG

Part # KWDCLMS2.EC
Description  The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWDCLMS2.EC Datasheet(HTML) 1 Page - ams AG

  KWDCLMS2.EC Datasheet HTML 1Page - ams AG KWDCLMS2.EC Datasheet HTML 2Page - ams AG KWDCLMS2.EC Datasheet HTML 3Page - ams AG KWDCLMS2.EC Datasheet HTML 4Page - ams AG KWDCLMS2.EC Datasheet HTML 5Page - ams AG KWDCLMS2.EC Datasheet HTML 6Page - ams AG KWDCLMS2.EC Datasheet HTML 7Page - ams AG KWDCLMS2.EC Datasheet HTML 8Page - ams AG KWDCLMS2.EC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
KW DCLMS2.EC
1 Version 1.2 | 2021-09-24
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
KW DCLMS2.EC
TOPLED® E3014
The TOPLED Compact 3014 has a wide beam angle
with a compact format (3.0 mm x 1.4 mm) and is a
very small LED for screen backlighting. It is therefore
ideal for injecting in light guides for homogeneous
illumination applications where the TOPLED Com-
pact 3014 never fails to impress with its performance
on system level.
—
—
Electronic Equipment
—
—
White Goods
Features:
—
—
Package: white SMT package, colored silicone resin
—
—
Chip technology: InGaN on Sapphire
—
—
Typ. Radiation: 120° (Lambertian emitter)
—
—
Color: Cx = 0.35, Cy = 0.35 acc. to CIE 1931 (● white)
—
—
Corrosion Robustness Class: 1B
—
—
Color temperature: 4000K - 8000K
—
—
CRI: 80 (min.)
—
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - KWDCLMS2.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
White Goods Lighting
More results

Similar Description - KWDCLMS2.EC

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-8-36CKM ECS-ECS-160-8-36CKM Datasheet
507Kb / 2P
The miniature ECX-2236 is a very compact SMD Crystal
ECX-53R ECS-ECX-53R Datasheet
155Kb / 1P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint. This package is ideal for todays compact wireless wireless
CSM-8Q ECS-CSM-8Q_17 Datasheet
552Kb / 2P
The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm footprint
ECX-1247 ECS-ECX-1247_17 Datasheet
606Kb / 2P
The sub miniature ECX-1247 is a very compact SMD Crystal
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
ECX-34Q ECS-ECX-34Q_17 Datasheet
529Kb / 2P
very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint
ECX-1637 ECS-ECX-1637_17 Datasheet
556Kb / 2P
The sub miniature ECX-1637 is a very compact SMD Crystal
logo
International Rectifier
IRDC3823-P1V2 IRF-IRDC3823-P1V2 Datasheet
4Mb / 17P
The IR3823 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 3.5mm X 3.5 mm Power QFN package.
logo
ECS, Inc.
ECX-1247B ECS-ECX-1247B Datasheet
434Kb / 2P
The sub miniature ECX-1247B is a very compact SMD Crystal
ECX-34Q ECS-ECX-34Q_V01 Datasheet
310Kb / 2P
The ECX-34Q is a very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint. AEC-Q200 Qualified.
Rev.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com