Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS2.EC Datasheet(PDF) 2 Page - ams AG

Part # KWDCLMS2.EC
Description  The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWDCLMS2.EC Datasheet(HTML) 2 Page - ams AG

  KWDCLMS2.EC Datasheet HTML 1Page - ams AG KWDCLMS2.EC Datasheet HTML 2Page - ams AG KWDCLMS2.EC Datasheet HTML 3Page - ams AG KWDCLMS2.EC Datasheet HTML 4Page - ams AG KWDCLMS2.EC Datasheet HTML 5Page - ams AG KWDCLMS2.EC Datasheet HTML 6Page - ams AG KWDCLMS2.EC Datasheet HTML 7Page - ams AG KWDCLMS2.EC Datasheet HTML 8Page - ams AG KWDCLMS2.EC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
KW DCLMS2.EC
2 Version 1.2 | 2021-09-24
Ordering Information
Type
Color temperature
Luminous Intensity 1)
Ordering Code
I
F = 20 mA
I
v
KW DCLMS2.EC-CXCZ-4L7M-1
4000 K
2800 ... 4500 mcd
Q65113A1683
KW DCLMS2.EC-CXCZ-4J7K-1
4500 K
2800 ... 4500 mcd
Q65113A1684
KW DCLMS2.EC-CXCZ-4H7I-1
5000 K
2800 ... 4500 mcd
Q65113A1685
KW DCLMS2.EC-CXCZ-4A7D-1
8000 K
2800 ... 4500 mcd
Q65113A1686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com