Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37544G2SP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37544G2SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2SP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37544G2SP Datasheet HTML 45Page - Renesas Technology Corp M37544G2SP Datasheet HTML 46Page - Renesas Technology Corp M37544G2SP Datasheet HTML 47Page - Renesas Technology Corp M37544G2SP Datasheet HTML 48Page - Renesas Technology Corp M37544G2SP Datasheet HTML 49Page - Renesas Technology Corp M37544G2SP Datasheet HTML 50Page - Renesas Technology Corp M37544G2SP Datasheet HTML 51Page - Renesas Technology Corp M37544G2SP Datasheet HTML 52Page - Renesas Technology Corp M37544G2SP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 49 of 66
REJ03B0012-0104Z
ELECTRICAL CHARACTERISTICS
1.7544Group
Applied to: M37544M2-XXXSP/GP/HP, M37544G2SP/GP/HP(Note)
Note: M37544G2HP: Only ES version (MP: no plan)
Absolute Maximum Ratings
Table 9 Absolute maximum ratings
–0.3 to 6.5
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 7.0
–0.3 to VCC + 0.3
200
–20 to 85
–40 to 125
Power source voltage
Input voltage
P00–P07, P10–P14, P20–P25, P30–P34,P37, VREF
Input voltage
______
RESET, XIN
Input voltage CNVSS (Note)
Output voltage
P00–P07, P10–P14, P20–P25, P30–P34,P37, XOUT
Power dissipation
Operating temperature
Storage temperature
V
V
V
V
V
mW
°C
°C
VCC
VI
VI
VI
VO
Pd
Topr
Tstg
Conditions
Symbol
Ratings
Unit
Parameter
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25°C
Notes : It is a rating only for the One Time PROM version. Connect to VSS for the mask ROM version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com