Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37544G2SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37544G2SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37544G2SP Datasheet HTML 1Page - Renesas Technology Corp M37544G2SP Datasheet HTML 2Page - Renesas Technology Corp M37544G2SP Datasheet HTML 3Page - Renesas Technology Corp M37544G2SP Datasheet HTML 4Page - Renesas Technology Corp M37544G2SP Datasheet HTML 5Page - Renesas Technology Corp M37544G2SP Datasheet HTML 6Page - Renesas Technology Corp M37544G2SP Datasheet HTML 7Page - Renesas Technology Corp M37544G2SP Datasheet HTML 8Page - Renesas Technology Corp M37544G2SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 2 of 66
REJ03B0012-0104Z
Fig. 3 Pin configuration (42S1M type)
Fig. 2 Pin configuration (32P6U-A type)
Package type : 32P6U-A
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
M37544M2-XXXGP
M37544G2GP
P20/AN0
P21/AN1
P14/CNTR0
P13/SRDY
P12/SCLK
P11/TXD
P10/RXD
P07(LED7)
XOUT
XIN
VSS
P30(LED8)
P31(LED9)
P32(LED10)
P33(LED11)
P34(LED12)/INT1
Package type: 42S1M
P00(LED0)/CNTR1
CNVSS
XOUT
XIN
VSS
P01(LED1)
P02(LED2)
P03(LED3)/TXOUT
P04(LED4)
P30(LED8)
Vcc
VREF
P05(LED5)
P12/SCLK
P25/AN5
P14/CNTR0
NC
P22/AN2
NC
P21/AN1
P20/AN0
P31(LED9)
NC
P23/AN3
P24/AN4
P06(LED6)
P07(LED7)
P37(LED13)/INT0
RESET
NC
NC
P34(LED12)/INT1
P33(LED11)
P32(LED10)
NC
P10/RXD
P11/TXD
NC
NC
P13/SRDY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com