Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37544G2SP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M37544G2SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544G2SP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M37544G2SP Datasheet HTML 3Page - Renesas Technology Corp M37544G2SP Datasheet HTML 4Page - Renesas Technology Corp M37544G2SP Datasheet HTML 5Page - Renesas Technology Corp M37544G2SP Datasheet HTML 6Page - Renesas Technology Corp M37544G2SP Datasheet HTML 7Page - Renesas Technology Corp M37544G2SP Datasheet HTML 8Page - Renesas Technology Corp M37544G2SP Datasheet HTML 9Page - Renesas Technology Corp M37544G2SP Datasheet HTML 10Page - Renesas Technology Corp M37544G2SP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 7 of 66
REJ03B0012-0104Z
PIN DESCRIPTION
Table 1 Pin description
Function
•Apply voltage of 4.0 to 5.5 V to Vcc, and 0 V to Vss.
•Reference voltage input pin for A/D converter
•Chip operating mode control pin, which is always connected to Vss.
•Reset input pin for active “L”
•Input and output pins for main clock generating circuit
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins.
•For using RC oscillator, short between the XIN and XOUT pins, and connect the capacitor and resistor.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
• When the on-chip oscillator is selected as the main clock, connect XIN pin to VCC and leave XOUT open.
Function expect a port function
Name
Power source
Analog reference
voltage
CNVss
Reset input
Clock input
I/O port P0
I/O port P1
Pin
Vcc, Vss
VREF
CNVss
______
RESET
XIN
P00/CNTR1
P01
P02
P03/TXOUT
P04–P07
• Key-input (key-on wake up
interrupt input) pins
• Timer X and timer A function
pin
•8-bit I/O port.
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•P0 can output a large current for driving LED.
•Whether a built-in pull-up resistor is to be used or not can be de-
termined by program.
•5-bit I/O port
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•CMOS/TTL level can be switched for P10 and P12
•6-bit I/O port having almost the same function as P0
•CMOS compatible input level
•CMOS 3-state output structure
P10/RxD
P11/TxD
P12/SCLK
____
P13/SRDY
P14/CNTR0
P20/AN0–P25/AN5
P30–P33
P34/INT1
P37/INT0
I/O port P2
I/O port P3
• Serial I/O function pin
• Timer X function pin
• Input pins for A/D converter
• Interrupt input pins
•6-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level (CMOS/TTL level can be switched for P34 and P37).
•CMOS 3-state output structure
•P3 can output a large current for driving LED.
XOUT
Clock output
•Whether a built-in pull-up resistor is to be used or not can be de-
termined by program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com