Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6524 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6524
Description  LCD Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6524 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6524 Datasheet HTML 1Page - Princeton Technology Corp PT6524 Datasheet HTML 2Page - Princeton Technology Corp PT6524 Datasheet HTML 3Page - Princeton Technology Corp PT6524 Datasheet HTML 4Page - Princeton Technology Corp PT6524 Datasheet HTML 5Page - Princeton Technology Corp PT6524 Datasheet HTML 6Page - Princeton Technology Corp PT6524 Datasheet HTML 7Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
LCD Driver IC
PT6524
Description
PT6524 is a General Purpose LCD Driver IC utilizing CMOS Technology specially designed for
electronic tuners controlled by microcontroller. It can drive up to a maximum of 204 segment outputs and
can control up to 12 general purpose output ports. Pin assignments and application circuit are optimized
for easy PCB layout and cost saving advantages.
Features
• CMOS Technology
• Up to 4 Common and 51 Segment Drivers
• Up to 204 LCD Segments
• Up to 12 General Purpose Output Ports
• 1/4 Duty – 1/2 Bias or 1/4 Duty – 1/3 Bias Drive Technique
• No Decoder Intervention Necessary to Display the Data
• Power Saving Mode provided
• RC Oscillation Circuit
• Available in 64 pins, QFP or LQFP Package
Application
• Frequency Display for Electronic Tuners
PT6524 v1.0
Page 1
July 2002


Similar Part No. - PT6524

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6524 PTC-PT6524 Datasheet
1Mb / 24P
LCD Driver IC
PT6524LQ PTC-PT6524LQ Datasheet
1Mb / 24P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
More results

Similar Description - PT6524

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
LCD Driver IC?
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com