Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1159SWTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1159SWTR
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1159SWTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC1159SWTR Datasheet HTML 1Page - Semtech Corporation SC1159SWTR Datasheet HTML 2Page - Semtech Corporation SC1159SWTR Datasheet HTML 3Page - Semtech Corporation SC1159SWTR Datasheet HTML 4Page - Semtech Corporation SC1159SWTR Datasheet HTML 5Page - Semtech Corporation SC1159SWTR Datasheet HTML 6Page - Semtech Corporation SC1159SWTR Datasheet HTML 7Page - Semtech Corporation SC1159SWTR Datasheet HTML 8Page - Semtech Corporation SC1159SWTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1159
Programmable Synchronous DC/DC
Hysteretic Controller with VRM 8.5 VID Range
Features
Applications
Revision 3, December 2002
Description
The SC1159 is a synchronous-buck switch-mode con-
troller designed for use in single ended power supply ap-
plications where efficiency is the primary concern. The
controller is a hysteretic type, with a user selectable hys-
teresis. The SC1159 is ideal for implementing DC/DC
converters needed to power advanced microprocessors
such as Pentium® llI and Athlon®, in both single and mul-
tiple processor configurations. Inhibit, under-voltage lock-
out and soft-start functions are included for controlled
power-up.
SC1159 features include an integrated 5 bit D/A con-
verter, temperature compensated voltage reference,
current limit comparator, over-current protection, and an
adaptive deadtime circuit to prevent shoot-through of
the power MOSFET during switching transitions. Power
good signaling, logic compatible shutdown, and over-volt-
age protection are also provided. The integrated D/A
converter provides programmability of output voltage
from 1.050V to 1.825V in 25mV increments.
The SC1159 high side driver can be configured as either
a ground-referenced or as a floating bootstrap driver.
The high and low side MOSFET drivers have a peak cur-
rent rating of 2 amps.
Server Systems and Workstations
Pentium® III Core Supplies
AMD Athlon® Core Supplies
Multiple Microprocessor Supplies
Voltage Regulator Modules
Programmable hysteresis
5 bit DAC programmable output (1.050V-1.825V)
On-chip power good and OVP functions
Designed to meet latest Intel specifications
Up to 95% efficiency
+1% tolerance over temperature
Typical Application Circuit
R12
1.0
R14
1.6
L2
1.0uH
R3
*
R1
*
R4
1k
R2
1k
R5
*
R6
20k
R7
*
R8
10k
C5
C10
+12V
C8
0.033
R10
1k
+5V
R9
10k
+5V
C7
0.1
C1
0.1
Cin
Bulk
L1
0.5uH
PWRGD
INHIB
"POWER GOOD"
"INHIBIT"
+
_
Vin +5V/12V
1.05 to 1.825V
+
_
C9
1.0
Q1
FDB6035AL
Q2
FDB7030BL
Cout
Bulk
C4
0.01
R11
1k
C6
0.1
Cin
HF
Cout
HF
C2
0.001
C3
0.1
IOUT
1
DROOP
2
OCP
3
VHYST
4
VREFB
5
VSENSE
6
AGND
7
SOFTST
8
N/C
9
LODRV
10
LOHIB
11
DRVGND
12
LOWDR
13
DRV
14
VIN12V
15
BOOT
16
HIGHDR
17
BOOTLO
18
HISENSE
19
LOSENSE
20
IOUTLO
21
INHIBIT
22
VID25
23
VID3
24
VID2
25
VID1
26
VID0
27
PWRGD
28
U1
SC1159CSW
*) for the values see specific application circuit somewhere else in the datasheet


Similar Part No. - SC1159SWTR

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
SC115 CAMPBELL-SC115 Datasheet
432Kb / 2P
CS I/O 2 GB Flash Memory Drive with USB Interface
12/17/2019
logo
Semtech Corporation
SC1150 SEMTECH-SC1150 Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER
SC1150CS SEMTECH-SC1150CS Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1151CS SEMTECH-SC1151CS Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
More results

Similar Description - SC1159SWTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1154 SEMTECH-SC1154 Datasheet
164Kb / 18P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
SC1155 SEMTECH-SC1155 Datasheet
190Kb / 19P
PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
High Performance Programmable Synchronous DC-DC Controller
logo
International Rectifier
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Bel Fuse Inc.
G7NA-30D180 BEL-G7NA-30D180 Datasheet
129Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / Programmable Output / 30A VRM 8.5 Compatible
logo
Linear Technology
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
VID Voltage Programmer for Intel VRM 8.5
logo
Semtech Corporation
SC1155 SEMTECH-SC1155_01 Datasheet
263Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
SC2655 SEMTECH-SC2655 Datasheet
337Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0 VID Range
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
logo
Linear Technology
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
VID Voltage Programmer for Intel VRM 8.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com