Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1159SWTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1159SWTR
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1159SWTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1159SWTR Datasheet HTML 7Page - Semtech Corporation SC1159SWTR Datasheet HTML 8Page - Semtech Corporation SC1159SWTR Datasheet HTML 9Page - Semtech Corporation SC1159SWTR Datasheet HTML 10Page - Semtech Corporation SC1159SWTR Datasheet HTML 11Page - Semtech Corporation SC1159SWTR Datasheet HTML 12Page - Semtech Corporation SC1159SWTR Datasheet HTML 13Page - Semtech Corporation SC1159SWTR Datasheet HTML 14Page - Semtech Corporation SC1159SWTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1159
Output Voltage Table
V
m
5
2
D
I
V
)
2
(
3
D
I
V
)
1
(
2
D
I
V
)
1
(
1
D
I
V
)
1
(
O
D
I
V
)
1
(
)
V
(
C
D
V
00
1
0
0
5
0
.
1
10
10
0
5
7
0
.
1
000
11
0
1
.
1
10
0
1
1
5
2
1
.
1
000
1
0
5
1
.
1
10
0
1
0
5
7
1
.
1
0000
1
0
2
.
1
1
000
1
5
2
2
.
1
00000
5
2
.
1
1
0000
5
7
2
.
1
0
1111
0
3
.
1
11111
5
2
3
.
1
0
111
0
5
3
.
1
1111
0
5
7
3
.
1
01
1
0
1
0
4
.
1
111
0
1
5
2
4
.
1
01
1
0
0
5
4
.
1
111
00
5
7
4
.
1
01
01
1
0
5
.
1
11
0
1
1
5
2
5
.
1
01
01
0
5
5
.
1
11
0
1
0
5
7
5
.
1
01
0
0
1
0
6
.
1
11
00
1
5
2
6
.
1
0
1
000
5
6
.
1
11
000
5
7
6
.
1
00
111
0
7
.
1
1
0
111
5
2
7
.
1
00
11
0
5
7
.
1
10
1
1
0
5
7
7
.
1
00
1
0
1
0
8
.
1
10
10
1
5
2
8
.
1
NOTE:
(1) VID (3:0) correspond to legacy VRM 8.4 voltage levels for 1.3V - 1.8V.
(2) VID 25mV provides a 25mV increment.
0 = GND, 1 = OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com