Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1159SWTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1159SWTR
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1159SWTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1159SWTR Datasheet HTML 1Page - Semtech Corporation SC1159SWTR Datasheet HTML 2Page - Semtech Corporation SC1159SWTR Datasheet HTML 3Page - Semtech Corporation SC1159SWTR Datasheet HTML 4Page - Semtech Corporation SC1159SWTR Datasheet HTML 5Page - Semtech Corporation SC1159SWTR Datasheet HTML 6Page - Semtech Corporation SC1159SWTR Datasheet HTML 7Page - Semtech Corporation SC1159SWTR Datasheet HTML 8Page - Semtech Corporation SC1159SWTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1159
DC Electrical Characteristics
(Cont.)
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
a
c
i
f
i
t
n
e
d
I
e
g
a
t
l
o
V
/
e
c
n
e
r
e
f
e
R
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
ll
u
f
r
e
v
o
,
V
6
.
2
1
<
V
2
1
N
I
V
<
V
4
.
1
1
e
g
a
tl
o
V
t
u
p
t
u
O
e
e
s
(
e
g
n
a
r
D
I
V
)
e
l
b
a
T
1
-1
%
d
l
o
h
s
e
r
h
T
h
g
i
H
V
m
5
2
D
I
V
-
0
D
I
V
e
g
a
tl
o
V
V
)
H
(
H
T
5
2
.
2V
d
l
o
h
s
e
r
h
T
w
o
L
V
m
5
2
D
I
V
-
0
D
I
V
e
g
a
tl
o
V
V
)
L
(
H
T
1V
d
o
o
G
r
e
w
o
P
d
l
o
h
s
e
r
h
T
e
g
a
tl
o
v
r
e
d
n
UV
)
D
G
R
W
P
(
H
T
2
88
8V
%
F
E
R
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
t
u
p
t
u
OV
T
A
S
I
O
A
m
5
=5
.
0V
s
i
s
e
r
e
t
s
y
HV
)
D
G
R
W
P
(
S
Y
H
0
1V
m
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
v
O
t
n
i
o
P
p
ir
T
P
V
OV
P
V
O
2
15
10
2V
%
T
U
O
s
i
s
e
r
e
t
s
y
H
)
1
(
V
)
P
V
O
(
S
Y
H
0
1V
m
t
r
a
t
S
t
f
o
S
t
n
e
r
r
u
C
e
g
r
a
h
CI
G
H
C
V
S
S
B
F
E
R
V
m
o
r
f
e
c
n
a
t
s
i
s
e
r
,
V
5
.
0
=
k
0
2
=
D
N
G
A
o
t
n
i
p
,
Ω V
B
F
E
R
V
3
.
1
=
I
:
e
t
o
N
G
H
C
I
(
=
B
F
E
R
V
)
5
/
4
.
0
13
16
.
5
1A
µ
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
Dg
h
c
s
i
d
IV
)
S
S
(
V
1
=1
A
m
r
o
t
a
r
a
p
m
o
C
t
i
b
i
h
n
I
d
l
o
h
s
e
r
h
T
t
r
a
t
St
r
a
t
s
V
)
H
N
(
10
.
24
.
2V
O
L
V
U
V
2
1
N
I
V
d
l
o
h
s
e
r
h
T
t
r
a
t
St
r
a
t
s
V
O
L
V
U
5
2
.
95
2
.
0
15
2
.
1
1V
s
i
s
e
r
e
t
s
y
Hs
y
h
V
O
L
V
U
8
.
12
2
.
2V
r
o
t
a
r
a
p
m
o
C
c
i
t
e
r
e
t
s
y
H
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
n
Is
o
V
P
M
C
S
Y
H
V
P
O
O
R
D
d
e
d
n
u
o
r
g
n
i
p5
V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
Is
a
i
b
I
P
M
C
S
Y
H
1A
u
y
c
a
r
u
c
c
A
s
i
s
e
r
e
t
s
y
HV
C
C
A
S
Y
H
7V
m
g
n
it
t
e
S
s
i
s
e
r
e
t
s
y
HV
T
E
S
S
Y
H
0
6V
m
Unless specified: 0 < T
J < 125°C, VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com