Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT393D Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HCT393D
Description  Dual 4-bit binary ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT393D Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HCT393D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Nexperia
74HC393; 74HCT393
Dual 4-bit binary ripple counter
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HCT393
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VI = VIH or VIL; VCC = 4.5 V
IO = -20 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level
output voltage
IO = -4 mA
3.98
4.32
-
3.84
-
3.7
-
V
VI = VIH or VIL; VCC = 4.5 V
IO = 20 μA
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level
output voltage
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1.0
-
±1.0 μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
8.0
-
80
-
160 μA
VI = VCC - 2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO = 0 A
per input pin; nCP
-
40
144
-
180
-
196 μA
ΔICC
additional
supply current
per input pin; nMR
-
100
360
-
450
-
490 μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Fig. 11.
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HC393
nCP to nQ0; see Fig. 9
[1]
VCC = 2.0 V
-
41
125
-
155
-
190 ns
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC = 5 V; CL = 15 pF
-
12
-
-
-
-
-
ns
VCC = 6.0 V
-
12
21
-
26
-
32
ns
nQx to nQ(x+1); see Fig. 9
[1]
VCC = 2.0 V
-
14
45
-
55
-
70
ns
VCC = 4.5 V
-
5
9
-
11
-
14
ns
VCC = 5 V; CL = 15 pF
-
5
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
4
8
-
9
-
12
ns
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 22 October 2021
6 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com