Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT393D Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HCT393D
Description  Dual 4-bit binary ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT393D Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HCT393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Nexperia
74HC393; 74HCT393
Dual 4-bit binary ripple counter
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
nMR to nQx; see Fig. 10
VCC = 2.0 V
-
39
140
-
175
-
210 ns
VCC = 4.5 V
-
14
28
-
35
-
42
ns
VCC = 5 V; CL = 15 pF
-
11
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 6.0 V
-
11
24
-
30
-
36
ns
Qn; see Fig. 9
[2]
VCC = 2.0 V
-
19
75
-
95
-
110 ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
nCP HIGH or LOW; see Fig. 9
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
nMR HIGH; see Fig. 10
VCC = 2.0 V
80
19
-
100
-
120
-
ns
VCC = 4.5 V
16
7
-
20
-
24
-
ns
tW
pulse width
VCC = 6.0 V
14
6
-
17
-
20
-
ns
nMR to nCP; see Fig. 10
VCC = 2.0 V
5
3
-
5
-
5
-
ns
VCC = 4.5 V
5
1
-
5
-
5
-
ns
trec
recovery time
VCC = 6.0 V
5
1
-
5
-
5
-
ns
see Fig. 9
VCC = 2.0 V
6
30
-
5
-
4
-
MHz
VCC = 4.5 V
30
90
-
24
-
20
-
MHz
VCC = 5 V; CL = 15 pF
-
99
-
-
-
-
-
MHz
fclk(max) maximum
clock
frequency
VCC = 6.0 V
35
107
-
28
24
-
MHz
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-
23
-
-
-
-
-
pF
74HCT393
nCP to nQ0; see Fig. 9
[1]
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC = 5 V; CL = 15 pF
-
20
-
-
-
-
-
ns
nQx to nQ(x+1); see Fig. 9
[1]
VCC = 4.5 V
-
6
10
-
13
-
15
ns
tpd
propagation
delay
VCC = 5 V; CL = 15 pF
-
6
-
-
-
-
-
ns
nMR to nQx; see Fig. 10
VCC = 4.5 V
-
18
32
-
40
-
48
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 5 V; CL = 15 pF
-
15
-
-
-
-
-
ns
Qn; see Fig. 9
[2]
tt
transition time
VCC = 4.5 V
-
7
15
-
19
-
22
ns
74HC_HCT393
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 22 October 2021
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com