Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT393D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HCT393D
Description  Dual 4-bit binary ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT393D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HCT393D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT393D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74HC393; 74HCT393
Dual 4-bit binary ripple counter
Rev. 8 — 22 October 2021
Product data sheet
1. General description
The 74HC393; 74HCT393 is a dual 4-stage binary ripple counter. Each counter features a clock
input (nCP), an overriding asynchronous master reset input (nMR) and 4 buffered parallel outputs
(nQ0 to nQ3). The counter advances on the HIGH-to-LOW transition of nCP. A HIGH on nMR
clears the counter stages and forces the outputs LOW, independent of the state of nCP. Inputs
include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC393: CMOS level
• For 74HCT393: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V.
• Two 4-bit binary counters with individual clocks
• Divide by any binary module up to 28 in one package
• Two master resets to clear each 4-bit counter individually
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC393D
74HCT393D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC393PW
74HCT393PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HC393BQ
74HCT393BQ
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1


Similar Part No. - 74HCT393D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT393D PHILIPS-74HCT393D Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
74HCT393D NXP-74HCT393D Datasheet
164Kb / 21P
Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HCT393D-Q100 NEXPERIA-74HCT393D-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
74HCT393D-Q100 NEXPERIA-74HCT393D-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HCT393DB PHILIPS-74HCT393DB Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
More results

Similar Description - 74HCT393D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
Dual 4-bit binary ripple counter
1988 Nov 01
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
Dual 4-bit binary ripple counter
1997 Jun 10
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
DUAL 4-BIT BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com