Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC210202FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTFC210202FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC210202FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTFC210202FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 06, 2023-06-28
4
PTFC210202FC
Typical Performance (cont.)
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
1790 1890 1990 2090 2190 2290 2390
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss, single side
VDD = 28 V, IDQ = 170 mA
IRL
Gain
ptfc210202fc_g8
20
25
30
35
40
45
50
55
60
65
8
10
12
14
16
18
20
22
24
26
32
34
36
38
40
42
44
46
48
Output Power (dBm)
CW Performance at various VDD
IDQ = 170 mA, ƒ = 2170 MHz
VDD = 24 V
VDD = 28 V
VDD = 32 V
Gain
Efficiency
ptfc210202fc_g7
20
25
30
35
40
45
50
55
60
65
8
10
12
14
16
18
20
22
24
26
34
36
38
40
42
44
46
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ = 170mA
Efficiency
Gain
2110 MHz
2140 MHz
2170 MHz
ptfc210202fc_g6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com