Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC210202FC-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTFC210202FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC210202FC-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTFC210202FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTFC210202FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev.
06, 2023-06-28
Thermally-Enhanced High Power RF LDMOS FET
28 W, 28 V, 1800 – 2200 MHz
Description
The PTFC210202FC integrates two independent 10-watt LDMOS FETs and
is designed for use in cellular amplifier applications in the 2110 to 2170
MHz frequency band. Manufactured with Wolfspeed's advanced LDMOS
process, this device provides excellent thermal performance and superior
reliability.
PTFC210202FC
Package H-37248-4
Features
• Input matched
• Typical CW performance, 2170 MHz, 28 V,
combined outputs
- Output power at P1dB = 28 W
- Efficiency = 62%
- Gain = 20.9 dB
• Capable of handling 10:1 VSWR @28 V, 28 W (CW) out-
put power
• Integrated ESD protection : Human Body Model, Class
1C (per JESD22-A114)
• Low thermal resistance
• Pb-free and RoHS compliant
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed test fixture)
VDD = 28 V, IDQ = 170 mA, POUT = 5 W avg, ƒ1 = 2160 MHz, ƒ2 = 2170 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Linear Gain
Gps
20
21
—
dB
Drain Efficiency
hD
26.5
29
—
%
Adjacent Channel Power Ratio
ACPR
—
–31
–28
dBc
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
28
32
36
40
44
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 170 mA, ƒ = 2170 MHz
3GPP WCDMA signal,
PAR = 7.5 dB, 3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptfc210202fc_g1
PTFC210202FC


Similar Part No. - PTFC210202FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC210202FC INFINEON-PTFC210202FC Datasheet
431Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.2, 2014-05-14
PTFC210202FC INFINEON-PTFC210202FC Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
Infineon Technologies A...
PTFC210202FCV1R0 INFINEON-PTFC210202FCV1R0 Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
PTFC210202FCV1R0XTMA1 INFINEON-PTFC210202FCV1R0XTMA1 Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
More results

Similar Description - PTFC210202FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC192207FH INFINEON-PXFC192207FH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 ??1990 MHz
Rev. 04.1, 2016-06-22
PXAC261212FC INFINEON-PXAC261212FC_16 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
Rev. 02.2, 2016-06-22
PXAC201202FC INFINEON-PXAC201202FC Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 ??2200 MHz
Rev. 05.1, 2016-06-22
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
PXAC213308FV INFINEON-PXAC213308FV Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2200 MHz
Rev. 02, 2016-05-04
PXAC210552ND INFINEON-PXAC210552ND Datasheet
466Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 04.1, 2017-01-09
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXAC213308FV CREE-PXAC213308FV Datasheet
518Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2200 MHz
PXAC201202FC CREE-PXAC201202FC Datasheet
590Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 1800 - 2200 MHz
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com